전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP2210 데이터시트(PDF) 68 Page - Microchip Technology

부품명 MCP2210
상세설명  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 데이터시트(HTML) 68 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 64Page - Microchip Technology MCP2210 Datasheet HTML 65Page - Microchip Technology MCP2210 Datasheet HTML 66Page - Microchip Technology MCP2210 Datasheet HTML 67Page - Microchip Technology MCP2210 Datasheet HTML 68Page - Microchip Technology MCP2210 Datasheet HTML 69Page - Microchip Technology MCP2210 Datasheet HTML 70Page - Microchip Technology MCP2210 Datasheet HTML 71Page - Microchip Technology MCP2210 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
MCP2210
DS22288A-page 68
 2011 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
20-Lead SOIC
Example
20-Lead 5x5 QFN
Example
20-Lead SSOP
Example
PIN 1
PIN 1
MCP2210
I/MQ ^^
1146256
3
e
MCP2210
I/SO ^^
1146256
3
e
MCP2210
I/SS ^^
1146256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82