| 전자부품 데이터시트 검색엔진 |
|
SW50-2G 데이터시트(PDF) 95 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
SW50-2G 데이터시트(HTML) 95 Page - Aavid, Thermal Division of Boyd Corporation |
|
95 / 116 page ![]() 95 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com Clinch Nuts Clinch nuts are threaded nuts that allow quick assembly of the transistor to the heat sink. A single screw mounts the transistor to the heat sink, reducing your hardware requirements. Clinch nuts are permanently pressed into the heat sink, and come in a variety of English and Metric threads–CNE designates an English thread, and CNM designates a Metric thread. Clinch Nuts Suffix Ordering code Thread “A” Dim “B” Dim Figure CNE42 12 4-40 UNC-2B 0.96 (0.038) A CNE43 N/A 4-40 UNC-2B 1.37 (0.054) A CNM1 13 M3 X 0.5 0.76 (0.030) 4.06 (0.160) B CNM2 N/A M3 X 0.5 0.96 (0.038) 4.22 (0.166) B CLINCH NUT CLINCH NUT INSTALLED (0.248) 6.30 "A" 1.50 (0.059) "B" "A" SECTION A-A "A" 1.78 (0.070) 6.35 (0.250 "A" Mechanical drawing showing heat sink with clinch nut 529801B000 _ _ G Ordering code 7019B– G A ORDERING INFORMATION example 12 digit part example Thermalloy origin part FIGURE A FIGURE B B A = Model number B = Clinch nut suffix C = RoHS compliant C |