| 전자부품 데이터시트 검색엔진 |
|
LM101AH/883 데이터시트(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM101AH/883 데이터시트(HTML) 7 Page - Texas Instruments |
|
7 / 25 page ![]() LM101A 883 Electrical Characteristics (Continued) DC Parameters (Continued) The following conditions apply to all parameters, unless otherwise specified V CC = ±20V, VCM=0V Symbol Parameter Conditions Notes Min Max Units Sub- groups I CC Supply Current 3.0 mA 1 2.5 mA 2 3.5 mA 3 +V IO Adj Input Offset Voltage Adjust 4.0 mV 1, 2, 3 −V IO Adj Input Offset Voltage Adjust -4.0 mV 1, 2, 3 +I OS Short Circuit Current -45 -7.0 mA 1, 2, 3 -I OS Short Circuit Current 7.0 45 mA 1, 2, 3 V I Input Voltage Range V CC = ±20V (Note 6) -15 15 V 1, 2, 3 +A VS Large Signal Gain V CC = ±15V, RS =0,RL=2K Ω, V O =10V 50 V/mV 4 25 V/mV 5, 6 -A VS Large Signal Gain V CC = ±15V, RS =0,RL=2K Ω, V O =-10V 50 V/mV 4 25 V/mV 5, 6 R I Input Resistance (Note 7) 1.5 M Ω 4 (Note 7) 0.5 M Ω 5, 6 +V OP Output Voltage Swing R L = 10K Ω 16 V 4,5,6 R L =2K Ω 15 V 4,5,6 R L = 10K Ω,V CC = ±15V 12 V 4, 5, 6 R L =2K Ω,V CC = ±15V 10 V 4, 5, 6 -V OP Output Voltage Swing R L = 10K Ω -16 V 4,5,6 R L =2K Ω -15 V 4,5,6 R L = 10K Ω,V CC = ±15V -12 V 4, 5, 6 R L =2K Ω,V CC = ±15V -10 V 4, 5, 6 AC Parameters The following conditions apply to all parameters, unless otherwise specified V CC = ±20V, RL =2K Ω,A V =1 Symbol Parameter Conditions Notes Min Max Units Sub- groups +SR Slew Rate V I = -5V to 5V 0.2 V/µS 7 -SR Slew Rate V I = 5V to -5V 0.2 V/µS 7 G BW Gain Bandwidth V I = 50mVRMS, f = 20KHz 0.25 MHz 7 www.national.com 6 |