전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN8P1602B 데이터시트(PDF) 8 Page - SONiX Technology Company

부품명 SN8P1602B
상세설명  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONIX [SONiX Technology Company]
홈페이지  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602B 데이터시트(HTML) 8 Page - SONiX Technology Company

Back Button SN8P1602B Datasheet HTML 4Page - SONiX Technology Company SN8P1602B Datasheet HTML 5Page - SONiX Technology Company SN8P1602B Datasheet HTML 6Page - SONiX Technology Company SN8P1602B Datasheet HTML 7Page - SONiX Technology Company SN8P1602B Datasheet HTML 8Page - SONiX Technology Company SN8P1602B Datasheet HTML 9Page - SONiX Technology Company SN8P1602B Datasheet HTML 10Page - SONiX Technology Company SN8P1602B Datasheet HTML 11Page - SONiX Technology Company SN8P1602B Datasheet HTML 12Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 8
Version 1.1
1
1
1 PRODUCT OVERVIEW
GENERAL DESCRIPTION
The SN8P1602B is an 8-bit micro-controller utilized CMOS technology and featured with low power consumption and
high performance by its unique electronic structure.
SN8P1602B is designed with the excellent IC structure including the program memory up to 1K-word OTP ROM, data
memory of 48-bytes RAM, one 8-bit timer (TC0), a watchdog timer, two interrupt sources (TC0, INT0), and 4-level
stack buffers. Besides, user can choose desired oscillator configuration for the controller. There are four external
oscillator configurations to select for generating system clock, including High/Low speed crystal, ceramic resonator or
cost-saving RC. SN8P1602B also includes an internal RC oscillator for slow mode controlled by programming.
UPGRADE FROM SN8P1602/SN8P1603/SN8P1602A
Item
SN8P1602B
SN8P1602A
SN8P1602
SN8P1603
Standby Current at 3V
<1uA
3 ~ 4uA
3 ~ 4uA
70uA
Pull-up resistor
Yes
Yes
-
-
Power On Reset / Brown Out Reset
Excellent
Excellent
-
Good
Watchdog Clock Source
High Clock
Internal RC
High Clock
Internal RC
High Clock
High Clock
Watchdog Clock Source Fixed
at Internal RC and Internal RC
Clock Always Enable
Yes
Yes
-
-
Green Mode
Yes
Yes
-
-
P0.0 Interrupt Edge
Falling/Rising/Both Falling/Rising/Both
Falling
Falling
Port 1 Wakeup
Level Change
Level Change
Low Level
Low Level
TC0 Event Counter
Yes
Yes
-
-
External Reset
Recommend Value
20K / 0.1uF
20K / 0.33uF
20K / 0.1uF
20K / 0.1uF
Power On Delay at 4Mhz
~ 200ms
~ 200ms
~ 70ms
~ 70ms
Low Power code option
Yes
Yes
-
-
LVD
1.8V
Always ON
1.8V
Always ON
2.4V
ON/OFF
2.4V
Always ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com