전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS570LS3137 데이터시트(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS570LS3137
상세설명  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 데이터시트(HTML) 17 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 13Page - Texas Instruments TMS570LS3137 Datasheet HTML 14Page - Texas Instruments TMS570LS3137 Datasheet HTML 15Page - Texas Instruments TMS570LS3137 Datasheet HTML 16Page - Texas Instruments TMS570LS3137 Datasheet HTML 17Page - Texas Instruments TMS570LS3137 Datasheet HTML 18Page - Texas Instruments TMS570LS3137 Datasheet HTML 19Page - Texas Instruments TMS570LS3137 Datasheet HTML 20Page - Texas Instruments TMS570LS3137 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 159 page
background image
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
2.4.1.7
Standard Serial Communication Interface (SCI)
Table 2-10. PGE Standard Serial Communication Interface (SCI)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
144
PGE
N2HET1[06]/SCIRX
38
I/O
Pull Down
Programmable,
SCI receive, or GIO
20uA
N2HET1[13]/SCITX
39
SCI transmit, or GIO
2.4.1.8
Inter-Integrated Circuit Interface Module (I2C)
Table 2-11. PGE Inter-Integrated Circuit Interface Module (I2C)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
144
PGE
MIBSPI3NCS[2]/I2C_SDA/N2HET1[27]
4
I/O
Pull Up
Programmable,
I2C serial data, or GIO
20uA
MIBSPI3NCS[3]/I2C_SCL/N2HET1[29]
3
I2C serial clock, or GIO
2.4.1.9
Standard Serial Peripheral Interface (SPI)
Table 2-12. PGE Standard Serial Peripheral Interface (SPI)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
144
PGE
N2HET1[0]/SPI4CLK
25
I/O
Pull Down
Programmable,
SPI4 clock, or GIO
20uA
N2HET1[03]/SPI4NCS[0]/N2HET2[10]
24
SPI4 chip select, or GIO
N2HET1[01]/SPI4NENA/N2HET2[8]
23
SPI4 enable, or GIO
N2HET1[02]/SPI4SIMO
30
SPI4 slave-input
master-output, or GIO
N2HET1[05]/SPI4SOMI/N2HET2[12]
31
SPI4 slave-output
master-input, or GIO
2.4.1.10 Multi-Buffered Serial Peripheral Interface Modules (MibSPI)
Table 2-13. PGE Multi-Buffered Serial Peripheral Interface Modules (MibSPI)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
144
PGE
MIBSPI1CLK
95
I/O
Pull Up
Programmable,
MibSPI1 clock, or GIO
20uA
MIBSPI1NCS[0]/MIBSPI1SOMI[1]/MII_TXD[2]
105
MibSPI1 chip select, or
GIO
MIBSPI1NCS[1]/N2HET1[17]/MII_COL
130
MIBSPI1NCS[2]/N2HET1[19]/MDIO
40
N2HET1[15]/MIBSPI1NCS[4]
41
Pull Down
Programmable,
MibSPI1 chip select, or
20uA
GIO
N2HET1[24]/MIBSPI1NCS[5]/MII_RXD[0]
91
MIBSPI1NENA/N2HET1[23]/MII_RXD[2]
96
Pull Up
Programmable,
MibSPI1 enable, or GIO
20uA
MIBSPI1SIMO
93
MibSPI1 slave-in
master-out, or GIO
N2HET1[08]/MIBSPI1SIMO[1]/MII_TXD[3]
106
Pull Down
Programmable,
MibSPI1 slave-in
20uA
master-out, or GIO
MIBSPI1SOMI
94
Pull Up
Programmable,
MibSPI1 slave-out
20uA
master-in, or GIO
MIBSPI1NCS[0]/MIBSPI1SOMI[1]/MII_TXD[2]
105
Copyright
© 2011, Texas Instruments Incorporated
Device Package and Terminal Functions
17
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More