| 전자부품 데이터시트 검색엔진 |
|
2087-80SM-RPLF 데이터시트(PDF) 1 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
2087-80SM-RPLF 데이터시트(HTML) 1 Page - Bourns Electronic Solutions |
|
1 / 2 page ![]() Features ■ Mini-compact size: 4 mm diameter, 4.2 mm length ■ Surface mount device ■ High voltage range ■ High insulation resistance ■ RoHS compliant* ■ UL Recognized Applications ■ Industrial equipment/electronics ■ Telecommunications electronics ■ Consumer electronics Characteristics 2087 Series High Voltage Mini-2-Electrode Gas Discharge Tube *RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Test Methods per ITU-T (CCITT) K.12 and IEC 61643-311. Characteristic Model No. 2087-80 2087-100 2087-120 2087-150 2087-180 2087-200 DC Sparkover ±20 % @ 100 V/s 800 V 1000 V 1200 V 1500 V 1800 V 2000 V Impulse Sparkover 100 V/µs 1000 V/µs < 1300 V < 1400 V < 1500 V < 1600 V < 1700 V < 1800 V < 2000 V < 2100 V < 2500 V < 2600 V < 2700 V < 2800 V Insulation Resistance (IR) 1............................. 250/500 Vdc......................................................> 1 G Ω Glow Voltage ................................................... 10 mA................................................................~ 60 V Arc Voltage ...................................................... 1 A.....................................................................~ 15 V Glow-Arc Transition Current .......................................................................................................< 1 A Capacitance..................................................... 1 MHz ...............................................................< 0.5 pF Impulse Discharge Current.............................. 3,000 A, 8/20 µs................................................ 1 operation 2,000 A, 8/20 µs................................................ 10 operations Alternating Discharge Current 2 Arms, 50 Hz, 1 second................................... 1 operation min. 4 Arms, 50 Hz, 9 cycles .................................... 1 operation min. Impulse Life ..................................................... 100 A, 10/1000 µs.............................................> 100 operations Operating Temperature............................................................................................................... -30 to +85 °C Storage Temperature.................................................................................................................. -40 to +115 °C Climatic Category (IEC 60068-1)................................................................................................ 40 / 90 / 21 Notes: 1 Insulation Resistance measured at 500 V for GDTs with >1000 V DCBD. • UL Recognized component: UL File E135337. • At delivery AQL 0.65 Level II, DIN ISO 2859. Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700 www.bourns.com |
유사한 부품 번호 - 2087-80SM-RPLF |
|
유사한 설명 - 2087-80SM-RPLF |