전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G3VMPCB 데이터시트(PDF) 4 Page - Omron Electronics LLC

부품명 G3VMPCB
상세설명  MOS FET Relay Selection Guide
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VMPCB 데이터시트(HTML) 4 Page - Omron Electronics LLC

  G3VMPCB Datasheet HTML 1Page - Omron Electronics LLC G3VMPCB Datasheet HTML 2Page - Omron Electronics LLC G3VMPCB Datasheet HTML 3Page - Omron Electronics LLC G3VMPCB Datasheet HTML 4Page - Omron Electronics LLC G3VMPCB Datasheet HTML 5Page - Omron Electronics LLC G3VMPCB Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8
MOS FET Relay
Selection Guide
G3VM Series
Load
Voltage
(VAC/VDC)
Contact
Form
Package
Type
No. of
Terminals
Part #
Load
Current
mA
Voltage
Withstand
(1 min)
VAC
On
Resistance
(typ.)
W
Output
Offstate
capacitance
(typ.)
pF
Leakage
Current
(typ.)
nA
Key
Features
Page
Number
20
1 Form A
SOP
4
G3VM-21GR
160
1,500
5
10.2
Low CxR
89
G3VM-21GR1
300
1,500
1
50.2
Low CxR
93
6
G3VM-21HR
2,500
1,500
0.02
1000
2
High Current
85
SSOP
4
G3VM-21LR
160
1,500
5
10.2
Low CxR
231
G3VM-21LR1
450
1,500
0.8
50.2
Low CxR
235
G3VM-21LR10
200
1,500
3
0.8
0.01
Low CxR,
Low Leak,
Fast On/Off
239
G3VM-21LR11
900
1,500
0.18
40
0.2
Low CxR,
High Current
243
40
1 Form A
SOP
4
G3VM-41GR3
80
1,500
25
0.6
0.01
Low CxR,
Low Leak
97
G3VM-41GR4
250
1,500
2.0
5.0
0.009
Low CxR,
Low Leak
101
G3VM-41GR5
300
1,500
1
10
0.2
Low CxR
105
G3VM-41GR6
120
1,500
10
1
0.2
Low CxR
109
G3VM-41GR7
120
1,500
6.5
1.65
0.2
Low CxR
113
G3VM-41GR8
1,000
1,500
0.1
300
0.2
High Current
117
SSOP
4
G3VM-41LR3
80
1,500
25
0.6
0.2
Low CxR
247
G3VM-41LR4
250
1,500
2
5
0.2
Low CxR
251
G3VM-41LR5
300
1,500
1
10
0.2
Low CxR
255
G3VM-41LR6
120
1,500
10
1
0.2
Low CxR
259
G3VM-41LR10
120
1,500
12
0.45
0.01
Low CxR,
Low Leak,
Fast On/Off
263
G3VM-41LR11
140
1,500
7
0.7
0.01
Low CxR,
Low Leak,
Fast On/Off
267
60
1 Form A
DIP
4
G3VM-61A1
500
2,500
1130
1
11
6
G3VM-61B1
500
2,500
1
130
1
15
G3VM-61BR
2,500
2,500
0.065
400
1
High Current
19
SMT
4
G3VM-61D1
500
2,500
1
130
1
11
6
G3VM-61E1
500
2,500
1
130
1
15
G3VM-61ER
2,500
2,500
0.065
400
1
High Current
19
SOP
4
G3VM-61G1
400
1,500
1
130
1
121
G3VM-61G2
400
1,500
1130
1
Low LED Trigger
125
G3VM-61GR1
1,000
1,500
0.25
90
0.2
High Current
129
6
G3VM-61H1
400
1,500
1
130
1
133
SSOP
4
G3VM-61LR
400
1,500
1
20
0.04
Low CxR,
Low Leak
271
2 Form A
DIP
8
G3VM-62C1
500
2,500
1
130
1
23
SMT
8
G3VM-62F1
500
2,500
1
130
1
23
SOP
8
G3VM-62J1
400
1,500
1
130
1
137
80
1 Form A
SOP
4
G3VM-81G1
350
1,500
1
30
0.2
Low CxR
141
G3VM-81GR
40
1,500
16
2.5
0.5
145
G3VM-81GR1
200
1,500
5
6.5
0.5
Low CxR
149
6
G3VM-81HR
1,250
1,500
0.11
460
1.2
High Current
153
SSOP
4
G3VM-81LR
120
1,500
7.5
5
0.1
Fast On/Off
275
100
1 Form A
SSOP
4
G3VM-101LR
80
1,500
8
60.1
Fast On/Off
279
200
1 Form A
SOP
4
G3VM-201G
50
1,500
40
15
0.07
161
G3VM-201G1
200
1,500
5
90
1
Low LED Trigger
165
G3VM-S5
150
1,500
5
100
0.45
157
6
G3VM-201H1
200
1,500
5
100
0.35
169
2 Form A
SOP
8
G3VM-202J1
200
1,500
5
100
3.1
173



Html Pages

1 2 3 4 5 6