전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SNR008 데이터시트(PDF) 5 Page - SONiX Technology Company

부품명 SNR008
상세설명  8M-bit Mask ROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONIX [SONiX Technology Company]
홈페이지  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNR008 데이터시트(HTML) 5 Page - SONiX Technology Company

  SNR008 Datasheet HTML 1Page - SONiX Technology Company SNR008 Datasheet HTML 2Page - SONiX Technology Company SNR008 Datasheet HTML 3Page - SONiX Technology Company SNR008 Datasheet HTML 4Page - SONiX Technology Company SNR008 Datasheet HTML 5Page - SONiX Technology Company SNR008 Datasheet HTML 6Page - SONiX Technology Company SNR008 Datasheet HTML 7Page - SONiX Technology Company SNR008 Datasheet HTML 8Page - SONiX Technology Company SNR008 Datasheet HTML 9Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SNR008
8M-bit Mask ROM
5. ABSOLUTE MAXIMUM RATINGS
Items
Symbol
Min
Max
Unit.
Supply Voltage
VDD-V
-0.3
6.0
V
Input Voltage
VIN
GND-0.3
VDD+0.3
V
Operating Temperature
TOP
0
55
oC
Storage Temperature
TSTG
-55.0
125.0
oC
6. ELECTRICAL CHARACTERISTICS
Item
Sym. Min.
Typ. Max.
Unit
Condition
Operating Voltage
VDD
2.4
-
3.6
V
Standby current
ISBY
-
1.5
2.0
uA
VDD=3V, no load
Operating Current
IOPR
-
4
-
mA VDD=3V, no load
Address access time
tAA
-
-
200
ns
Vdd=3V
Ver. 1.3
August 29, 2003
5



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com