| 전자부품 데이터시트 검색엔진 |
|
SR155E104FAR 데이터시트(PDF) 5 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
SR155E104FAR 데이터시트(HTML) 5 Page - AVX Corporation |
|
5 / 14 page ![]() 19 Radial Leads/SkyCap ®/SL Series See Note See Note Dimensions: Millimeters (Inches) Note: Coating clean .784/.031 min. above seating plane Styles SL15, SL20, SL30, SL40, SL50 Style SL21 Styles SL22, SL27 W Max. W Max. W Max. Max. T Max. T Max. T L.S. .762/.030 L.S. .762/.030 L.S. .762/.030 H Max. H Max. H Max. 1.0" Min. 1.0" Min. 1.0" Min. LD Nom. LD Nom. LD Nom. 1.52/.060 Max. AVX SL Series Conformally Coated Radial Leaded MLC Temperature Coefficients: C0G (NP0), X7R, Z5U 200, 100, 50 Volts (300V, 400V & 500V also available) Case Material: Epoxy Lead Material: Solderable Sn/Pb XXX X X X FRONT XXX A XX BACK Capacitance Code Tolerance Code Voltage Code Temp. Char. Code 3 Digit Date Code Lot Code AVX Logo Quantity per Bag SL15, 20, 21, 22, 27, 30 1000 Pieces SL40, 50 500 Pieces Note: SL15, SL20, SL21, SL30, and SL40 available on tape and reel per EIA specifications RS-468. See Pages 33 and 34. GENERAL INFORMATION MARKING PACKAGING REQUIREMENTS Not RoHS Compliant HOW TO ORDER SL21 AVX Style SL15 SL20 SL21 SL22 SL27 SL30 SL40 SL50 5 Voltage 5 = 50V 1 = 100V 2 = 200V 9 = 300V 8 = 400V 7 = 500V E Temperature Coefficient A = C0G (NP0) C = X7R E = Z5U 104 Capacitance First two digits are the significant figures of capacitance. Third digit indicates the additional number of zeros. For example, order 100,000 pF as 104. (For values below 10pF use “R” in place of decimal point, e.g., 1R4 = 1.4pF.) M Capacitance Tolerance C0G (NP0): C = ±.25pF D = ±.5pF F = ±1% (>50pF only) G = ±2% (>25pF only) J = ±5% K = ±10% X7R: J = ±5% K = ±10% M = ±20% Z5U: M = ±20% Z = +80% -20% A Failure Rate A = Not Applicable B Leads B = Leads Sn/Pb (Tin lead product) TR1 Packaging Blank = Bulk Packaging T = Trimmed Leads .230"± .030" Bulk packaging TR1 = Tape and Reel Packaging AP1 = Ammopack Packaging See packaging specification page 33-34. |