| 전자부품 데이터시트 검색엔진 |
|
UM1525 데이터시트(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1525 데이터시트(HTML) 27 Page - STMicroelectronics |
|
27 / 41 page ![]() UM1525 Connecting modules on the prototyping board Doc ID 022910 Rev 2 27/41 5 Connecting modules on the prototyping board This section gives some examples of how to connect ready-to-use modules available from different manufacturers to the STM32F0DISCOVERY kit via the prototyping board included in the kit. Software examples, based on the connections described below, are available at www.st.com/stm32f0discovery. 5.1 Mikroelektronica accessory boards Mikroelektronika, http://www.mikroe.com, has specified two standard connectors for their accessory boards, named mikroBUS™ (http://www.mikroe.com/mikrobus_specs.pdf) and IDC10. MikroBUS™ is a 16-pin connector to connect accessory boards very quickly and easily to a microcontroller board through SPI, USART or I2C communications, along with additional pins such as Analog Input, PWM and Interrupt. The set of mikroElektronika boards compatible with mikroBUS™ is called “Click boards”. IDC10 is a 10-pin connector to connect the general purpose I/O of an MCU to other accessory boards. The tables below are one solution for connecting mikroBUS™ and IDC boards to the STM32F0DISCOVERY; this solution used in the different examples is available at www.st.com/stm32f0discovery. Table 7. Connecting using mikroBUS™ Mikroelektronica mikroBUS™ STM32F0DISCOVERY Pin Description Pin Description AN Analog pin PA4 DAC1_OUT RST Reset pin PB13 GPIO OUTPUT (5V tolerant) CS SPI Chip Select line PA11 GPIO OUTPUT (5V tolerant) SCK SPI Clock line PB3 SPI1_SCK MISO SPI Slave Output line PB4 SPI1_MISO MOSI SPI Slave Input line PB5 SPI1_MOSI PWM PWM output line PA8 TIM1_CH1 INT Hardware Interrupt line PB12 GPIO INPUT EXTI (5V tolerant) RX UART Receive line PA3 USART2_RX TX UART Transmit line PA2 USART2_TX SCL I2C Clock line PF6 I2C2_SCL SDA I2C Data line PF7 I2C2_SDA 5V VCC 5V power line 5V Power line |