전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F0DISCOVERY 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 STM32F0DISCOVERY
상세설명  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F0DISCOVERY 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button STM32F0DISCOVERY Datasheet HTML 23Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 24Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 25Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 26Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 27Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 28Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 29Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 30Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
UM1525
Connecting modules on the prototyping board
Doc ID 022910 Rev 2
27/41
5
Connecting modules on the prototyping board
This section gives some examples of how to connect ready-to-use modules available from
different manufacturers to the STM32F0DISCOVERY kit via the prototyping board included
in the kit.
Software examples, based on the connections described below, are available at
www.st.com/stm32f0discovery.
5.1
Mikroelektronica accessory boards
Mikroelektronika, http://www.mikroe.com, has specified two standard connectors for their
accessory boards, named mikroBUS™ (http://www.mikroe.com/mikrobus_specs.pdf) and
IDC10.
MikroBUS™ is a 16-pin connector to connect accessory boards very quickly and easily to a
microcontroller board through SPI, USART or I2C communications, along with additional
pins such as Analog Input, PWM and Interrupt.
The set of mikroElektronika boards compatible with mikroBUS™ is called “Click boards”.
IDC10 is a 10-pin connector to connect the general purpose I/O of an MCU to other
accessory boards.
The tables below are one solution for connecting mikroBUS™ and IDC boards to the
STM32F0DISCOVERY; this solution used in the different examples is available at
www.st.com/stm32f0discovery.
Table 7.
Connecting using mikroBUS™
Mikroelektronica mikroBUS™
STM32F0DISCOVERY
Pin
Description
Pin
Description
AN
Analog pin
PA4
DAC1_OUT
RST
Reset pin
PB13
GPIO OUTPUT (5V tolerant)
CS
SPI Chip Select line
PA11
GPIO OUTPUT (5V tolerant)
SCK
SPI Clock line
PB3
SPI1_SCK
MISO
SPI Slave Output line
PB4
SPI1_MISO
MOSI
SPI Slave Input line
PB5
SPI1_MOSI
PWM
PWM output line
PA8
TIM1_CH1
INT
Hardware Interrupt line
PB12
GPIO INPUT EXTI (5V tolerant)
RX
UART Receive line
PA3
USART2_RX
TX
UART Transmit line
PA2
USART2_TX
SCL
I2C Clock line
PF6
I2C2_SCL
SDA
I2C Data line
PF7
I2C2_SDA
5V
VCC 5V power line
5V
Power line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41