| 전자부품 데이터시트 검색엔진 |
|
ATSTI1OP-563-C1-R0 데이터시트(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ATSTI1OP-563-C1-R0 데이터시트(HTML) 9 Page - Texas Instruments |
|
9 / 33 page ![]() 0x00 6C www.ti.com Quick Setup Guide 2.6 GUI Software Installation and EVM Startup The TAS5612L-TAS5614LDDVEVM is controlled by the Input-USB Board 3 with the TAS5538 GUI. The TAS5538 GUI provides control of all registers in TAS5538. Download the current version of the GUI zip file "TAS5538_xxxx.zip" from the TAS5612LDDVEVM folder or the TAS5614LDDVEVM folder on http://www.ti.com to a convenient location on the host PC. Create a new folder at a convenient location and extract the files from the zip file to the new folder. Be sure to check the box labeled “Use folder names” during extraction. Then connect the USB cable between the host PC and jack USB-IN on the Input-USB Board 3. Then turn on the 12V power supply and the PVDD power supply in that order. Start the GUI by opening "TAS55XX_GUI.exe" in the new folder. Startup will take a few seconds and the following window will open. Click CONNECT and then READ, to verify that the data in register 0x00 read 6C. Figure 6. TAS5538 GUI Window NOTE: If the address that is read is not 6C, make sure the USB is connected to the PC and check for HID enumeration. – Open the PC device manager. Right-click My Computer on desktop and open Properties, then Hardware, then Device Manager. – Expand "Human Interface Devices". – Plug and unplug the USB cable from Input-USB Board 3 and confirm that an HID icon appears. Uncheck "ShutDown" and click the "Master Volume" icon to open the following window. 9 SLAU375 – May 2012 TAS5612L-TAS5614LDDVEVM Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated |