전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST58LM032 데이터시트(PDF) 37 Page - Silicon Storage Technology, Inc

부품명 SST58LM032
상세설명  ATA-Disk Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LM032 데이터시트(HTML) 37 Page - Silicon Storage Technology, Inc

Back Button SST58LM032 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 39Page - Silicon Storage Technology, Inc SST58LM032 Datasheet HTML 40Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
37
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
44-PIN FEMALE RIGHT ANGLE CONNECTOR
SST PACKAGE CODE: FRJ
44-PIN FEMALE STRAIGHT CONNECTOR
SST PACKAGE CODE: FSJ
1.48
2.46
2.91
3.91
28.0
3.0
22.5
45.0
∅3.2
5.3
4.0
4.6
4.0
1.0
44-fem-right-angle.3
Note:
All units are in mm
Tolerance: ±0.2 mm unless otherwise specified
44.4
24.0
45.0
5.3
4.0
4.0
4.0
1.0
44-fem-straight-conn.3
Note:
All units are in mm
Tolerance: ±0.2 mm unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40