전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

27SF020 데이터시트(PDF) 26 Page - Silicon Storage Technology, Inc

부품명 27SF020
상세설명  256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

27SF020 데이터시트(HTML) 26 Page - Silicon Storage Technology, Inc

Back Button 27SF020 Datasheet HTML 18Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 19Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 20Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 21Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 22Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 23Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 24Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 25Page - Silicon Storage Technology, Inc 27SF020 Datasheet HTML 26Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
26
Data Sheet
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit Multi-Purpose Flash
SST27SF256 / SST27SF512 / SST27SF010 / SST27SF020
©2001 Silicon Storage Technology, Inc.
S71152-02-000
5/01
502
28-PIN PLASTIC DUAL-IN-LINE PACKAGE (PDIP)
SST PACKAGE CODE: PG
32-PIN PLASTIC DUAL-IN-LINE PACKAGE (PDIP)
SST PACKAGE CODE: PH
28.pdipPG-ILL.2
Pin #1 Identifier
CL
28
1
Base Plane
Seating Plane
Note:
1. Complies with JEDEC publication 95 MO-015 AH dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in inches (min/max).
3. Dimensions do not include mold flash. Maximum allowable mold flash is .010 inches.
.170
.200
7˚
4 PLCS.
.600 BSC
.100 BSC
.120
.150
.016
.022
.045
.065
.070
.080
.015
.050
.065
.075
1.445
1.455
.008
.012
0˚
15˚
.600
.625
.530
.550
32.pdipPH-ILL.2
Pin #1 Identifier
CL
32
1
Base Plane
Seating Plane
Note:
1. Complies with JEDEC publication 95 MO-015 AP dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in inches (min/max).
3. Dimensions do not include mold flash. Maximum allowable mold flash is .010 inches.
.170
.200
7˚
4 PLCS.
.600 BSC
.100 BSC
.120
.150
.016
.022
.045
.065
.070
.080
.015
.050
.065
.075
1.645
1.655
.008
.012
0˚
15˚
.600
.625
.530
.550
Silicon Storage Technology, Inc. • 1171 Sonora Court • Sunnyvale, CA 94086 • Telephone 408-735-9110 • Fax 408-735-9036
www.SuperFlash.com or www.ssti.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26