전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Y-CONC-R406M-FE2L-2000-B 데이터시트(PDF) 14 Page - YAMAHA CORPORATION

부품명 Y-CONC-R406M-FE2L-2000-B
상세설명  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAMAHA [YAMAHA CORPORATION]
홈페이지  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R406M-FE2L-2000-B 데이터시트(HTML) 14 Page - YAMAHA CORPORATION

Back Button Y-CONC-R406M-FE2L-2000-B Datasheet HTML 10Page - YAMAHA CORPORATION Y-CONC-R406M-FE2L-2000-B Datasheet HTML 11Page - YAMAHA CORPORATION Y-CONC-R406M-FE2L-2000-B Datasheet HTML 12Page - YAMAHA CORPORATION Y-CONC-R406M-FE2L-2000-B Datasheet HTML 13Page - YAMAHA CORPORATION Y-CONC-R406M-FE2L-2000-B Datasheet HTML 14Page - YAMAHA CORPORATION Y-CONC-R406M-FE2L-2000-B Datasheet HTML 15Page - YAMAHA CORPORATION Y-CONC-R406M-FE2L-2000-B Datasheet HTML 16Page - YAMAHA CORPORATION Y-CONC-R406M-FE2L-2000-B Datasheet HTML 17Page - YAMAHA CORPORATION Y-CONC-R406M-FE2L-2000-B Datasheet HTML 18Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
A
B
A
B
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
13
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
Possible Wiring Diagrams
Possible Cover
Variations
Note: Y-ConPlug-11, -12 and -31 use only
signal contacts 1, 2, 3 & 6.
A and B are optional power contacts
IP6* plastic cover
T568A 1 : 1
T568A Crossover
T568B Crossover
T568B 1 : 1
IP20 metal cover
IP6* metal cover
IP20 strain relief
Y-ConPlug-**
for all these
Y-Con covers
IP20Lock strain relief
IP20Lock 90° molded
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
1
1
A
B
A
B
2
2
3
3
4
4
5
5
6
6
7
7
8
8
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
RJ45 Cable Assemblies
A
B
A
B
A
B
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com