전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH4056 데이터시트(PDF) 5 Page - OSRAM GmbH

부품명 SFH4056
상세설명  IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4056 데이터시트(HTML) 5 Page - OSRAM GmbH

  SFH4056 Datasheet HTML 1Page - OSRAM GmbH SFH4056 Datasheet HTML 2Page - OSRAM GmbH SFH4056 Datasheet HTML 3Page - OSRAM GmbH SFH4056 Datasheet HTML 4Page - OSRAM GmbH SFH4056 Datasheet HTML 5Page - OSRAM GmbH SFH4056 Datasheet HTML 6Page - OSRAM GmbH SFH4056 Datasheet HTML 7Page - OSRAM GmbH SFH4056 Datasheet HTML 8Page - OSRAM GmbH SFH4056 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SFH 4056
2010-11-09
5
Relative Spectral Emission
Irel = f (λ)
Forward Current
I
F = f (VF)
Single pulse,
t
p = 100 μs
700
0
nm
%
OHF04135
20
40
60
80
100
950
750
800
850
Irel
λ
OHF03826
F
I
10
-4
0.5
1
1.5
2
2.5 V3
10
0
A
0
F
V
-1
10
5
5
10
-2
-3
5
10
Radiant Intensity
Single pulse,
t
p = 25 μs
Permissible Pulse Handling
Capability
I
F = f (τ), TA = 25 °C,
duty cycle
D = parameter
Ie
Ie 70 mA
=
f (I
F)
OHF04406
I
F
mA
10
5 10
5 10
10 3
1
10
-2
10
-3
10
5
10
10
5
-1
5
0
e (70 mA)
I
e
I
012
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHF04265
T
t
P
IF
0.1
0.2
0.3
0.4
0.5
0.6
0.8
0.7
0.03
0.2
0.1
0.05
0.02
0.01
0.005
=
D
1
0.5
Max. Permissible Forward Current
I
F = f (TA), RthJA = 540 K/W
Permissible Pulse Handling
Capability
I
F = f (τ), TA = 85 °C,
duty cycle
D = parameter
0
0
˚C
T
IF
mA
OHF04264
A
20
40
60
80
100
10
20
30
40
50
60
70
80
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHF04266
T
t
P
IF
0.1
0.2
0.3
0.4
0.5
0.6
0.8
0.7
0.03
0.2
0.1
0.05
0.02
0.01
0.005
=
D
1
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com