전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CP2103 데이터시트(PDF) 3 Page - Silicon Laboratories

부품명 CP2103
상세설명  USB DRIVER CUSTOMIZATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2103 데이터시트(HTML) 3 Page - Silicon Laboratories

  CP2103 Datasheet HTML 1Page - Silicon Laboratories CP2103 Datasheet HTML 2Page - Silicon Laboratories CP2103 Datasheet HTML 3Page - Silicon Laboratories CP2103 Datasheet HTML 4Page - Silicon Laboratories CP2103 Datasheet HTML 5Page - Silicon Laboratories CP2103 Datasheet HTML 6Page - Silicon Laboratories CP2103 Datasheet HTML 7Page - Silicon Laboratories CP2103 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN220
3
Rev. 0.6
4.3. String and File Name Customization
The next step in the customization utility (shown in
Figure 4) is to specify your preferred strings and
filenames. Each field is described in further detail below.
4.3.1. Company Name (Long Name for .inf File
Entries)
The company name appears in the .inf file entries and
has a maximum length of 255 characters.
4.3.2. Company Abbreviation (Short Name for .inf
File Entries)
The abbreviation appears in the .inf file entries and has
a maximum length of 31 characters.
4.3.3. File Name for .inf
This field allows for specification of a unique name for
the .inf file. The maximum length of this string is eight
characters.
The
generated
file
will
be
named
xxxxxxxx.inf.
Figure 4. string and File Customization
4.4. VID, PID, and Device Name Customiza-
tion
The next step in the customization utility (shown in
Figure 5) allows multiple VID/PID combinations in one
driver. This entry is also where the Device Name, which
appears in Windows Device Manager, is specified. An
example for Windows 7 is shown in Figure 7.
4.4.1. General Device Installation Name
This
field
is
the
general
description
of
device
installation. This will not appear in Device Manager, but
will show up during installation if the user is prompted
for a disk.
4.4.2. Device List
The
Device
List
allows
multiple
VID
and
PID
combinations to be added to one driver. Current devices
can be edited by double-clicking an entry.
Figure 5. VID and PID Customization
To add a new entry, click the Add button. A new dialog
box (shown in Figure 6) will appear with the following
options.
4.4.3. Device Type
This specifies which device is being customized. If the
VCP driver for the CP2105 is being customized, two
interface names will appear. Otherwise, only one
interface name will appear.
4.4.4. VID
Allows specification of a new vendor ID (VID).
4.4.5. PID
Allows specification of a new product ID (PID).
4.4.6. Device Name
This string will be displayed in Device Manager under
the Ports or USB tab. If the VCP driver for the CP2105
is being customized, two interface names will appear.



Html Pages

1 2 3 4 5 6 7 8