전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALD1101ASAL 데이터시트(PDF) 5 Page - Advanced Linear Devices

부품명 ALD1101ASAL
상세설명  DUAL N-CHANNEL MATCHED MOSFET PAIR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALD [Advanced Linear Devices]
홈페이지  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1101ASAL 데이터시트(HTML) 5 Page - Advanced Linear Devices

  ALD1101ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD1101ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD1101ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD1101ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD1101ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD1101ASAL Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ALD1101A/ALD1101B/ALD1101
Advanced Linear Devices
5 of 6
8 Pin Plastic DIP Package
PDIP-8 PACKAGE DRAWING
b1
S
b
E
E1
D
e
A2
A1
A
L
c
e1
ø
Millimeters
Inches
Min
Max
Min
Max
Dim
A
A1
A2
b
b1
c
D-8
E
E1
e
e1
L
S-8
ø
3.81
0.38
1.27
0.89
0.38
0.20
9.40
5.59
7.62
2.29
7.37
2.79
1.02
0
°
5.08
1.27
2.03
1.65
0.51
0.30
11.68
7.11
8.26
2.79
7.87
3.81
2.03
15
°
0.105
0.015
0.050
0.035
0.015
0.008
0.370
0.220
0.300
0.090
0.290
0.110
0.040
0
°
0.200
0.050
0.080
0.065
0.020
0.012
0.460
0.280
0.325
0.110
0.310
0.150
0.080
15
°



Html Pages

1 2 3 4 5 6