| 전자부품 데이터시트 검색엔진 |
|
TNETE110 데이터시트(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE110 데이터시트(HTML) 22 Page - Texas Instruments |
|
22 / 24 page ![]() ThunderLAN ™ TNETE110 PCI ETHERNET ™ CONTROLLER SINGLE-CHIP 10 BASE-T SPWS018B – MARCH 1995 - REVISED MAY 1996 22 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 timing requirements of crystal oscillator (see Figure 9)† MIN TYP MAX UNIT td(VDDH - FXTL1V) Delay time, minimum VDD high level to first valid FXTL1 full swing period (see Note 21) 100 ms tw(H) Pulse duration, FXTL1 high 13 ns tw(L) Pulse duration, FXTL1 low 13 ns tt Transition time, FXTL1 7 ns tc Cycle time, FXTL1 50 ns Tolerance of FXTL1 input frequency "0.01 % † The FXTL signal can be implemented by either connecting a 20-MHz crystal using the FXTL1 and FXTL2 pins or by driving the FXTL1 from a 20-MHz crystal oscillator module. NOTE 21: This specification is provided as an aid to board design. This specification is not assured during manufacturing testing. FXTL1 VDD td(VDDH - FXTL1V) Minimum VDD High Level tc tw(H) tw(L) tt tt Figure 9. Crystal Oscillator Timing |