| 전자부품 데이터시트 검색엔진 |
|
Y-CONC-R422M-CU2S-2000-C 데이터시트(PDF) 38 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R422M-CU2S-2000-C 데이터시트(HTML) 38 Page - YAMAHA CORPORATION |
|
38 / 42 page ![]() TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER 37 Y-ConUSB Cable Assemblies Part Number (Details) Series Interface Side 1 UA4 = USB A, 4 contacts UB4 = USB B, 4 contacts Protection Side 1 6P = IP67 plastic cover 2S = IP20 strain relief 2F = IP20 flat 2L = IP20Lock strain relief Interface Side 2 UA4 = USB A, 4 contacts UB4 = USB B, 4 contacts CU = customer specific FE = free end (cut only) Protection Side 2 6P = IP67 plastic cover 2S = IP20 strain relief 2F = IP20 flat 2L = IP20Lock strain relief CU = customer specific Length in mm Wiring Plan E = Standard USB F = Custom Y-ConC - *** ** - ** ** - **** - * Y-ConC - UA4 6P - UB 2S - 2000 - E Part Number Example for USB Cable Assemblies USB A with 4 contacts Series IP67 plastic cover IP20 with strain relief Length in mm Standard USB B with 4 Contacts |