전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1691AS 데이터시트(PDF) 4 Page - Sony Corporation

부품명 CXA1691AS
상세설명  FM/AM Radio
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1691AS 데이터시트(HTML) 4 Page - Sony Corporation

  CXA1691AS Datasheet HTML 1Page - Sony Corporation CXA1691AS Datasheet HTML 2Page - Sony Corporation CXA1691AS Datasheet HTML 3Page - Sony Corporation CXA1691AS Datasheet HTML 4Page - Sony Corporation CXA1691AS Datasheet HTML 5Page - Sony Corporation CXA1691AS Datasheet HTML 6Page - Sony Corporation CXA1691AS Datasheet HTML 7Page - Sony Corporation CXA1691AS Datasheet HTML 8Page - Sony Corporation CXA1691AS Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
—4—
CXA1691AM/AS
Voltage (V)
No.
Symbol
VCC=3 V VCC=6 V
Equivalent circuit
Description
FM AM FM AM
9 (10)
12 (13)
10 (11)
11 (12)
13 (14)
14 (15)
15 (16)
16 (17)
17 (18)
18 (19)
FM RF
FM RF IN
AM RF IN
NC
GND
(FE GND)
FM/AM
FE OUT
BAND
SELECT
AM IF IN
FM IF IN
NC
1.25 1.25 1.25 1.25
0.3
0
0.3
0
1.25 1.25 1.25 1.25
0
0
0
0
0
0
0
0
0.36 0.2 0.36 0.2
0.84
0
0.88
0
0
0
0
0
1.30
0
1.30
0
0
0
0
0
9
3p
8k
1k
12
10
VCC
AM
FM
220
14
15
GND
VCC
16
2k
GND
17
360
Connect FM RF tuning coil
FM RF input pin
AM RF input pin
IF output pin of FM and AM.
Connect IF filter.
FM and AM bands selection
switch pin. During GND it
becomes AM and during
open it becomes FM.
Input pin of AM IF.
Input pin of FM IF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com