전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1691BS 데이터시트(PDF) 10 Page - Sony Corporation

부품명 CXA1691BS
상세설명  FM/AM Radio
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1691BS 데이터시트(HTML) 10 Page - Sony Corporation

Back Button CXA1691BS Datasheet HTML 3Page - Sony Corporation CXA1691BS Datasheet HTML 4Page - Sony Corporation CXA1691BS Datasheet HTML 5Page - Sony Corporation CXA1691BS Datasheet HTML 6Page - Sony Corporation CXA1691BS Datasheet HTML 7Page - Sony Corporation CXA1691BS Datasheet HTML 8Page - Sony Corporation CXA1691BS Datasheet HTML 9Page - Sony Corporation CXA1691BS Datasheet HTML 10Page - Sony Corporation CXA1691BS Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
—10—
CXA1691BM/BS
Coil data
AM OSC
Core diameter ø 0.06 mm 2UEW
Equivalent to L-5K7-H5 R12-1684X. Mitsumi Electric Co., Ltd.
or 7TRS-8441X TOKO Co., Ltd.
FM RF
FM OSC
AM bar antenna
BPF
PFWE8
(88 to 108 MHz)
Soshin Electric Co., Ltd.
CF1
SFU-455B
Murata Mfg. Co., Ltd. Or BFCFL-455 TOKO Co., Ltd.
CF2
SFE10.7MA5
Murata Mfg. Co., Ltd.
CF3
CDA10.7MC1
Murata Mfg. Co., Ltd.
f (kHz)
796
L (µH)
1 to 3
270
QO
1 to 3
125
1 to 3
107
4 to 6
29
f (kHz)
796
L (µH)
650
Primary
91 t
Secondary
20 t
S
1
2
3
4
5
6
AM IFT
Core diameter ø 0.07 mm UEW
Equivalent to 21K7-H5 R12-8558A. Mitsumi Electric Co., Ltd.
or 7MC-7789N TOKO Co., Ltd.
S
1
2
3
4
5
6
φ 4mm
φ 0.6mm 4.5t
φ 4mm
φ 0.6mm 3.5t
Primary
Secondary
Number of widings (t)
CO (pF)
1 to 3
180
QO
1 to 3
90
1 to 2
111
2 to 3
35
4 to 6
7
Number of widings (t)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com