| 전자부품 데이터시트 검색엔진 |
|
STM32F051X8 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051X8 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 104 page ![]() Pinouts and pin description STM32F051x 30/105 Doc ID 022265 Rev 3 20 14 10 10 PA4 I/O TTa SPI1_NSS/I2S1_WS, USART2_CK, TIM14_CH1, TSC_G2_IO1 ADC_IN4, COMP1_INM4, COMP2_INM4, DAC1_OUT 21 15 11 11 PA5 I/O TTa SPI1_SCK/I2S1_CK, CEC, TIM2_CH1_ETR, TSC_G2_IO2 ADC_IN5, COMP1_INM5, COMP2_INM5 22 16 12 12 PA6 I/O TTa SPI1_MISO/I2S1_MCK, TIM3_CH1, TIM1_BKIN, TIM16_CH1, COMP1_OUT, TSC_G2_IO3, EVENTOUT ADC_IN6 23 17 13 13 PA7 I/O TTa SPI1_MOSI/I2S1_SD, TIM3_CH2, TIM14_CH1, TIM1_CH1N, TIM17_CH1, COMP2_OUT, TSC_G2_IO4, EVENTOUT ADC_IN7 24 - - - PC4 I/O TTa EVENTOUT ADC_IN14 25 - - - PC5 I/O TTa TSC_G3_IO1 ADC_IN15 26 18 14 14 PB0 I/O TTa TIM3_CH3, TIM1_CH2N, TSC_G3_IO2, EVENTOUT ADC_IN8 27 19 15 15 PB1 I/O TTa TIM3_CH4, TIM14_CH1, TIM1_CH3N, TSC_G3_IO3 ADC_IN9 28 20 - 16 PB2 I/O FT (3) TSC_G3_IO4 29 21 - - PB10 I/O FT I2C2_SCL, CEC, TIM2_CH3, TSC_SYNC 30 22 - - PB11 I/O FT I2C2_SDA, TIM2_CH4, TSC_G6_IO1, EVENTOUT 31 23 16 0 VSS S Ground 32 24 17 17 VDD S Digital power supply 33 25 - - PB12 I/O FT SPI2_NSS, TIM1_BKIN, TSC_G6_IO2, EVENTOUT 34 26 - - PB13 I/O FT SPI2_SCK, TIM1_CH1N, TSC_G6_IO3 35 27 - - PB14 I/O FT SPI2_MISO, TIM1_CH2N, TIM15_CH1, TSC_G6_IO4 36 28 - - PB15 I/O FT SPI2_MOSI, TIM1_CH3N, TIM15_CH1N, TIM15_CH2 RTC_REFIN 37 - - - PC6 I/O FT TIM3_CH1 Table 13. Pin definitions (continued) Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |