| 전자부품 데이터시트 검색엔진 |
|
Y-CONC-R406P-RJ2M-2000-C 데이터시트(PDF) 14 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R406P-RJ2M-2000-C 데이터시트(HTML) 14 Page - YAMAHA CORPORATION |
|
14 / 42 page ![]() A B A B TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER 13 TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER Possible Wiring Diagrams Possible Cover Variations Note: Y-ConPlug-11, -12 and -31 use only signal contacts 1, 2, 3 & 6. A and B are optional power contacts IP6* plastic cover T568A 1 : 1 T568A Crossover T568B Crossover T568B 1 : 1 IP20 metal cover IP6* metal cover IP20 strain relief Y-ConPlug-** for all these Y-Con covers IP20Lock strain relief IP20Lock 90° molded 1 1 2 2 3 3 4 4 5 5 6 6 7 7 8 8 1 1 A B A B 2 2 3 3 4 4 5 5 6 6 7 7 8 8 1 1 2 2 3 3 4 4 5 5 6 6 7 7 8 8 1 1 2 2 3 3 4 4 5 5 6 6 7 7 8 8 RJ45 Cable Assemblies A B A B A B A B |