전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TWR-FRAM 데이터시트(PDF) 12 Page - Ramtron International Corporation

부품명 TWR-FRAM
상세설명  F?륱AM Memory Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

TWR-FRAM 데이터시트(HTML) 12 Page - Ramtron International Corporation

Back Button TWR-FRAM Datasheet HTML 8Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 9Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 10Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 11Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 12Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 13Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 14Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 15Page - Ramtron International Corporation TWR-FRAM Datasheet HTML 16Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
 
TWR‐FRAM Quick Start Guide  
12 
6 Demo Instructions for IAR 
The demo software can be downloaded at www.ramtron/go/towerFRAM.com .  Unzip 
“TWR_FRAM_demos”.  The directory structure is as follows: 
 
Inside the build folder, this contains the IAR workspaces for each project.  The src folder contains the 
source files for the projects. 
TWR‐FRAM Project Descriptions: 
 
SPI_mem – provides  example code for interfacing with the F‐RAM SPI devices FM33256B and 
FM25V10.  For the processor companion part (FM33256B), the code will activate the RTC, set the time 
and date, read from the event counters, and write data to the memory. 
 
 
NOTE: The SPI_mem project can only interact with one SPI device at a time. By default, the 
program in interface with the processor companion (FM33256B). To interface with the FM25V10, 
comment the define for the FM33256B and uncomment the define for FM25V10 (like shown below). 
Then, recompile the project. 
 
 
I2C_mem – provides example code for interfacing with the F‐RAM I2C devices FM31T378, 
FM31256, and FM24W256.  For the processor companion parts (FM31T378 and FM31256), the code will 
activate the RTC, set the time and date, read from the event counters, and write data to the memory of 
all 3 components. 
 
statesaver – provides  example code of interfacing with the FM1106 devices.  The state savers 
are connected to LEDs and the project will light a pattern by controlling the FM1106.  
 
parallel_mem – provides example code of interfacing with the FM22L16 devices. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20