| 전자부품 데이터시트 검색엔진 |
|
SWRU312B 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SWRU312B 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 9 page ![]() AIR BoosterPack Quick Start Guide The Anaren Integrated Radio (AIR) BoosterPack is designed to provide instant wireless connectivity to the TI LaunchPad Development Tool. Just follow the simple instructions below and you’ll be ‘on the AIR’ in minutes. BoosterStack Lite Supporting the AIR BoosterPack for LaunchPad CD Contents Software Firmware User’s Guide Web Resources www.anaren.com/air-boosterpack © 2011 Anaren Inc. Soldering Iron Solder IC Puller X-jumper USB Battery This kit contains: You may also need/want: BoosterPack Firmware ICs Software CD Computer Tools/ Supplies LaunchPad (2) Layout & Function: See Users Manual for full description of all features A Pads for optional SWITCH B AIR Radio Module C Range Test optimal orientation indicator (see Users Manual) D Pads for optional LED E Data path jumper settings (preset defaults) F “Prototype area.” Use these pads to build your project onboard G Pads for MCU expansion Installation & Launch: Follow these directions for quick setup 1. Insert the CD provided in the Anaren BoosterPack kit, and if prompted click the “Install AIR Booster Stack Lite” icon. If a menu of options does not automatically appear, click “autorun.exe” in the CD root menu. 2. If using on a computer where the LaunchPad drivers have not been previously installed, click the “Install LaunchPad USB Driver” menu option. The drivers are automatically installed. 3. Once the drivers are installed, follow the instructions in LaunchPad kit to verify hardware operation by running the ‘temperature measurement’ application. 4. Disconnect the Launchpad from the computer, and if required, solder the two 10-pin male headers to each LaunchPad. <15.00 Continue on to get your BoosterPack running … A B C D E F G |