| 전자부품 데이터시트 검색엔진 |
|
BZG03C 데이터시트(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
|
|||||||||||||||||||||||||||||
BZG03C 데이터시트(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
2 / 3 page ![]() 2 of 2 Web Site: www.taychipst.com E-mail: sales@taychipst.com 10V-270V 3.0A BZG03C Series Silicon Z–Diodes IZT VV V Ω Ω m A %/K %/K µ A V Min. Typ. Max. Typ. Max. Typ. Max. Max. BZG03C10 G10 9.4 10 10.6 2.0 4.0 50 0.05 0.09 10 7.5 BZG03C11 G11 10.4 11 11.6 4.0 7.0 50 0.05 0.10 4.0 8.2 BZG03C12 G12 11.4 12 12.7 4.0 7.0 50 0.05 0.10 3.0 9.1 BZG03C13 G13 12.4 13 14.1 5.0 10 50 0.05 0.10 2.0 10 BZG03C15 G15 13.8 15 15.6 5.0 10 50 0.05 0.10 1.0 11 BZG03C16 G16 15.3 16 17.1 6.0 15 25 0.06 0.11 1.0 12 BZG03C18 G18 16.8 18 19.1 6.0 15 25 0.06 0.11 1.0 13 BZG03C20 G20 18.8 20 21.2 6.0 15 25 0.06 0.11 1.0 15 BZG03C22 G22 20.8 22 23.3 6.0 15 25 0.06 0.11 1.0 16 BZG03C24 G24 22.8 24 25.6 7.0 15 25 0.06 0.11 1.0 18 BZG03C27 G27 25.1 27 28.9 7.0 15 25 0.06 0.11 1.0 20 BZG03C30 G30 28 30 32 8.0 15 25 0.06 0.11 1.0 22 BZG03C33 G33 31 33 35 8.0 15 25 0.06 0.11 1.0 24 BZG03C36 G36 34 36 38 21 40 10 0.06 0.11 1.0 27 BZG03C39 G39 37 39 41 21 40 10 0.06 0.11 1.0 30 BZG03C43 G43 40 43 46 24 45 10 0.07 0.12 1.0 33 BZG03C47 G47 44 47 50 24 45 10 0.07 0.12 1.0 36 BZG03C51 G51 48 51 54 25 60 10 0.07 0.12 1.0 39 BZG03C56 G56 52 56 60 25 60 10 0.07 0.12 1.0 43 BZG03C62 G62 58 62 66 25 80 10 0.08 0.13 1.0 47 BZG03C68 G68 64 68 72 25 80 10 0.08 0.13 1.0 51 BZG03C75 G75 70 75 79 30 100 10 0.08 0.13 1.0 56 BZG03C82 G82 77 82 87 30 100 10 0.08 0.13 1.0 62 BZG03C91 G91 85 91 96 60 200 5 0.09 0.13 1.0 68 BZG03C100 G100 94 100 106 60 200 5 0.09 0.13 1.0 75 BZG03C110 G110 104 110 116 80 250 5 0.09 0.13 1.0 82 BZG03C120 G120 114 120 127 80 250 5 0.09 0.13 1.0 91 BZG03C130 G130 124 130 141 110 300 5 0.09 0.13 1.0 100 BZG03C150 G150 138 150 156 130 300 5 0.09 0.13 1.0 110 BZG03C160 G160 158 160 171 150 350 5 0.09 0.13 1.0 120 BZG03C180 G180 168 180 191 180 400 5 0.09 0.13 1.0 130 BZG03C200 G200 188 200 212 200 500 5 0.09 0.13 1.0 150 BZG03C220 G220 208 220 233 350 750 2 0.09 0.13 1.0 160 BZG03C240 G240 228 240 256 400 850 2 0.09 0.13 1.0 180 BZG03C270 G270 251 270 289 450 1000 2 0.09 0.13 1.0 200 ELECTRICAL CHARACTERISTICS (T A=25℃) Reverse leakage current Zener voltage range VZ Type Device marking code Dynamic resistance Temperature coefficient of zener voltage rzj@IZT TKVZ@IZT IR@VR |