전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BFS17W 데이터시트(PDF) 31 Page - NXP Semiconductors

부품명 BFS17W
상세설명  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFS17W 데이터시트(HTML) 31 Page - NXP Semiconductors

Back Button BFS17W Datasheet HTML 27Page - NXP Semiconductors BFS17W Datasheet HTML 28Page - NXP Semiconductors BFS17W Datasheet HTML 29Page - NXP Semiconductors BFS17W Datasheet HTML 30Page - NXP Semiconductors BFS17W Datasheet HTML 31Page - NXP Semiconductors BFS17W Datasheet HTML 32Page - NXP Semiconductors BFS17W Datasheet HTML 33Page - NXP Semiconductors BFS17W Datasheet HTML 34Page - NXP Semiconductors BFS17W Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 130 page
background image
32
NXP Semiconductors RF Manual 16th edition
1.5.2 Remote keyless entry, RF generic front-end with dedicated antenna for reception and transmission
bra851
LOW
FREQUENCY
CHIP SET
VCO
mixer
receiver
transmitter
filter
LNA
filter
antenna
antenna
buffer
LOW
FREQUENCY
CHIP SET
VCO
driver
PA
filter
Recommended products
Function
Product
Package
Type
LNA
RF bipolar
transistor
Wideband
transistor
SOT23
PBR951
SOT323
PRF957
SOT323
PRF947
MMIC
Low-noise
wideband ampl.
SOT1209
BGU6101
BGU6102
BGU6104
SiGe:C MMIC
SOT886
BGU7003W
Function
Product
Package
Type
Driver
RF bipolar
transistor
Wideband
transistor
SOT323
PRF957
SOT23
PBR951
MMIC
Gen-purp
wideband amp
SOT363
BGA2771
SOT363
BGA2866
Function
Product
Package
Type
VCO
Varicap
diodes
VCO varicap
diodes
SOD323
BB148
SOD323
BB149A
SOD523
BB198
SOD323
BB156
^ AEC-Q101 qualified (some limitations apply)
Function
Product
Package
Type
Mixer
RF bipolar
transistor
Wideband
transistor
SOT343
BFG410W
SOT343
BFG425W
SOT343
BFG480W
Function
Product
Package
Type
Buffer
RF bipolar
transistor
Wideband
transistor
SOT23
PBR951
SOT323
PRF957
SOT323
PRF947
SOT416
PRF949
Function
Product
Package
Type
Power
amplifier
RF bipolar
transistor
Wideband
transistor
SOT323
PRF957
SOT23
PBR951
MMIC
General-purpose
wideband
amplifier
SOT363
BGA2771
SOT363
BGA2866
SOT908
BGA7124
Product highlight:
Varicap diodes as VCO
Varicap diodes are principally used as voltage varicap capacitors,
with their diode function a secondary option. These devices are ideal
for voltage controlled oscillators (VCOs) in ISM band applications.
Features
` Excellent linearity
` Excellent matching
` Very low series resistance
` High capacitance ratio
Application diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More