| 전자부품 데이터시트 검색엔진 |
|
BFS520 데이터시트(PDF) 64 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BFS520 데이터시트(HTML) 64 Page - NXP Semiconductors |
|
64 / 130 page ![]() 65 NXP Semiconductors RF Manual 16th edition Key features 40/110 GHz transition frequency allows for applications up to 18 GHz and beyond High gain of 13.5 dB at 12 GHz with a low noise figure of 1.45 dB High linearity of 34 dBm (OIP3) at 1.8 GHz Consuming only 3 mA to generate 13.5 dB gain at 12 GHz Plastic surface-mount SOT343F package for high performance and easy manufacturing Applications Wideband applications that require - Low-noise amplifiers - High linearity and high output amplifiers - Buffer amplifiers - Mixers - Oscillators The devices in this family of sixth- (Si) and seventh- (SiGe:C) generation RF transistors can be used to perform nearly any RF function. For example, the BFUx10F, BFUx30F, BFU725/N1 2.5.3 QUBiC4SiandSiGe:CtransistorsforanyRFfunction NXP wideband transistors BFU6x0F & BFU7x0F These next-generation devices offer the best RF noise figure versus gain performance, drawing the lowest current. This performance allows for better signal reception at low power and enables RF receivers to operate more robustly in noisy environments. can be used as low-noise amplifiers, while the BFUx60F and BFUx90F can be used as high-linearity and high-output amplifiers. Other options include using these transistors as buffer amplifiers, mixers, and oscillators. Higher transition frequencies (40 to 110 GHz) enable higher application frequencies (24/77 GHz car radar, 18 GHz Ka band, 3.5-3.7 WiMas, etc.), and the devices meet the low current requirements of wideband applications. As a result, these devices are ideal for use in a very wide range of applications: second and third LNA stage and mixer stage in DBS LNBs, Ka/Ku band DROs, satellite radio (SDARS) LNA, C-band/X-band high-output buffer amplifiers, AMR, WLAN/WiFi, ZigBee, Bluetooth, FM radio, GPS, cellular (LTE, UMTS), mobile TV, RKE, high-linearity applications, low current battery-equipped applications, low-noise amplifiers for microwave communications systems, medium output power applications, microwave driver/buffer applications, and more. Selection guide – specification BFU610F SOT343F DFP4 6th 15 5.5 10 136 NPN 1.1 2.4 2 2 1.7 5.8 2 2 3 5.8 10 1.5 18 5.8 10 1.5 BFU630F SOT343F DFP4 6th 21 5.5 30 200 NPN 0.85 2.4 3 2 1.3 5.8 3 2 12.5 5.8 30 2.5 27.5 5.8 30 2.5 BFU660F SOT343F DFP4 6th 21 5.5 60 225 NPN 0.6 1.5 6 2 1.2 5.8 6 2 18.5 5.8 60 4 28 5.8 40 4 BFU690F SOT343F DFP4 6th 18 5.5 100 230 NPN 0.6 1.5 15 2 0.7 2.4 15 2 20 2.4 70 4 33 2.4 70 4 BFU710F SOT343F DFP4 7th 43 2.8 10 136 NPN 0.85 5.8 2 2 1.45 12 2 2 4.5 5.8 5 2.5 19.5 5.8 10 1.5 BFU725F/N1 SOT343F DFP4 7th 55 2.8 40 136 NPN 0.7 5.8 5 2 1.1 12 5 2 8 5.8 25 2 19 5.8 25 2 BFU730F SOT343F DFP4 7th 55 2.8 30 197 NPN 0.8 5.8 5 2 1.3 12 5 2 12.5 5.8 15 2.5 29 5.8 20 2.5 BFU760F SOT343F DFP4 7th 45 2.8 70 220 NPN 0.4 1.5 12 2 0.5 2.4 12 2 18.5 5.8 30 2.5 33 5.8 30 2.5 BFU790F SOT343F DFP4 7th 25 2.8 100 234 NPN 0.4 1.5 20 2 0.5 2.4 20 2 19 2.4 60 2.5 34 2.4 30 2.5 Red = application note available on NXP.com Selection guide – function Function LNAs,mixers,frequencymultipliers,buffers High-linearity,high-outputamplifiers&drivers Oscillators Frequency range <6GHz 6GHz–12GHz 12GHz– +18GHz <6GHz 6GHz–12GHz 12GHz–18GHz <6GHz 6GHz–12GHz 12GHz– +18GHz TypeBand L,S,C X,Kulow Kuhigh,Ka L,S,C X,Kulow Kuhigh L,S,C X,Kulow Kuhigh,Ka BFU610F • • • BFU630F • • • • • BFU660F • • • • BFU690F • • • • BFU725F/N1 • • • • • • • BFU710F • • • • BFU730F • • • • • • • • BFU760F • • • • • BFU790F • • • |