| 전자부품 데이터시트 검색엔진 |
|
08051C103MAT4A 데이터시트(PDF) 4 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
08051C103MAT4A 데이터시트(HTML) 4 Page - AVX Corporation |
|
4 / 4 page ![]() 19 X7R Dielectric Capacitance Range Letter AC EG J K M N P Q XY Z Max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 Thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) PAPER EMBOSSED PREFERRED SIZES ARE SHADED SIZE 1210 1812 1825 2220 2225 Soldering Reflow Only Reflow Only Reflow Only Reflow Only Reflow Only Packaging Paper/Embossed All Embossed All Embossed All Embossed All Embossed (L) Length mm 3.20 ± 0.20 4.50 ± 0.30 4.50 ± 0.30 5.70 ± 0.40 5.72 ± 0.25 (in.) (0.126 ± 0.008) (0.177 ± 0.012) (0.177 ± 0.012) (0.225 ± 0.016) (0.225 ± 0.010) (W) Width mm 2.50 ± 0.20 3.20 ± 0.20 6.40 ± 0.40 5.00 ± 0.40 6.35 ± 0.25 (in.) (0.098 ± 0.008) (0.126 ± 0.008) (0.252 ± 0.016) (0.197 ± 0.016) (0.250 ± 0.010) (t) Terminal mm 0.50 ± 0.25 0.61 ± 0.36 0.61 ± 0.36 0.64 ± 0.39 0.64 ± 0.39 (in.) (0.020 ± 0.010) (0.024 ± 0.014) (0.024 ± 0.014) (0.025 ± 0.015) (0.025 ± 0.015) WVDC 10 16 25 50 100 200 500 50 100 200 500 50 100 25 50 100 200 50 100 Cap 100 (pF) 150 220 330 470 680 1000 1500 JJJJJJ M 2200 JJJJJJ M 3300 JJJJJJ M 4700 JJJJJJ M 6800 JJJJJJ M Cap 0.010 JJJJJJ M KKKK M M X X X M P (μF 0.015 JJJJJJ P K K K P M M X X X M P 0.022 JJJJJJ Q K K K P M M X X X M P 0.033 JJJJJJ Q K K K X M M X X X M P 0.047 JJJJJJ K K K Z M M X X X M P 0.068 JJJJJ M K K K Z M M X X X M P 0.10 JJJJJ M K K K Z M M X X X M P 0.15 JJJJ M Z K K P M M X X X M P 0.22 JJJJ P Z K K P M M X X X M P 0.33 JJJJ Q K M X M M X X X M P 0.47 MMMM Q K P M M X X X M P 0.68 M M P X X M Q M P X X M P 1.0 N N P X ZM XM P X X M P 1.5 N N ZZZ ZZ M X X M X 2.2 XXZZZ ZZ XX M 3.3 XXZZ Z X Z 4.7 XXZZ Z X Z 10 Z Z Z* Z 22 Z* Z* Z 47 100 WVDC 10 16 25 50 100 200 500 50 100 200 500 50 100 25 50 100 200 50 100 SIZE 1210 1812 1825 2220 2225 L W T t *Optional Specifications – Contact factory |