| 전자부품 데이터시트 검색엔진 |
|
BFS540 데이터시트(PDF) 122 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BFS540 데이터시트(HTML) 122 Page - NXP Semiconductors |
|
122 / 130 page ![]() 123 NXP Semiconductors RF Manual 16th edition Marking code Final product Package K4 BAP50-02 SOD523 K5 BAP63-02 SOD523 K6 BAP65-02 SOD523 K7 BAP1321-02 SOD523 K8 BAP70-02 SOD523 K9 BB199 SOD523 L1 BB202LX SOD882T L2 BB202 SOD523 L2 BAP51LX SOD882T L2% BF1203 SOT363 L3 BB178LX SOD882T L3% BF1204 SOT363 L4 BB179LX SOD882T L4% BF1205 SOT363 L5 BB179BLX SOD882T L6 BB181LX SOD882T L6% BF1206 SOT363 L7 BB182LX SOD882T L8 BA792 SOD110 L8 BB187LX SOD882T L9% BF1208 SOT363 LA BF1201WR SOT343 LA% BF1201 SOT143 LB BAP50LX SOD882T LB% BF1201R SOT143 LB% PBR941B SOT23 LC BAP55LX SOD882T LD BAP63LX SOD882T LD% BF1202 SOT143 LD% BF1202/L SOT143 LE BAP64LX SOD882T LE BF1202WR SOT343 LE BF1202WR/L SOT343 LE% BF1202R SOT143 LF BAP65LX SOD882T LF% BF1211 SOT143 LG BAP142LX SOD882T LG% BF1212 SOT143 LH BAP1321LX SOD882T LH% BF1211R SOT143 LJ% BGU7044 SOT363 LK% BF1212R SOT143 LK% BGU7045 SOT363 LP% BGA2867 SOT363 LR% BGA2874 SOT363 LS% BGA2817 SOT363 M1% BFR30 SOT23 M2% BFR31 SOT23 M2% BF1207 SOT363 M26 BF908 SOT143 M27 BF908R SOT143 M28 BF909 SOT143 M29 BF909R SOT143 M3% BFT46 SOT23 M33 BF909A SOT143 M34 BF909AR SOT143 M4% BF1215 SOT363 M4% BSR56 SOT23 M41 BF904A SOT143 M42 BF904AR SOT143 M5% BSR57 SOT23 M5% BF1216 SOT363 M56 BF1100 SOT143 M57 BF1100R SOT143 M6% BSR58 SOT23 M6% BF1205C SOT363 M7% BF1218 SOT363 M74 BSS83 SOT143 M74 ON4906 SOT143 M91 BF991 SOT143 M92 BF992 SOT143 MA% BGA2802 SOT363 MB BF998WR SOT343 MB% BGA2803 SOT363 MC BF904WR SOT343 MC% BGA2851 SOT363 MD BF908WR SOT343 ME BF909WR SOT343 MF BF1100WR SOT343 MG BF909AWR SOT343 MG% BF994S SOT143 Marking code Final product Package MH BF904AWR SOT343 MH% BF996S SOT143 MK BF1211WR SOT343 ML BF1212WR SOT343 ML BF1212WR/L SOT343 MO% BF998 SOT143 MO% BF998R SOT143 MO4 BF904 SOT143 MO6 BF904R SOT143 N BB181 SOD523 N0 BFR505T SOT416 N0% BFS505 SOT323 N0% BFM505 SOT363 N2 BFR520T SOT416 N2% BFS520 SOT323 N2% BFM520 SOT363 N3 BFG520W SOT343 N33 BFG505 SOT143 N36 BFG520 SOT143 N37 BFG540 SOT143 N38 BFG590 SOT143 N39 BFG505/X SOT143 N4 BFG520W/X SOT343 N4 BFQ540 SOT89 N4% BFS540 SOT323 N42 BFG520/X SOT143 N43 BFG540/X SOT143 N43 ON4832 SOT143 N44 BFG590/X SOT143 N48 BFG520/XR SOT143 N49 BFG540/XR SOT143 N6% BFS25A SOT323 N7 BFG540W/X SOT343 N70 BFG10 SOT143 N71 BFG10/X SOT143 N8 BFG540W/XR SOT343 N9 BFG540W SOT343 N9% BAP70AM SOT363 NA BF1105WR SOT343 NA% BF1105R SOT143 NB BF1109WR SOT343 NB% BF1109R SOT143 NC BF1101WR SOT343 NC% BF1101R SOT143 ND BFG424W SOT343 ND% BF1101 SOT143 NE BFG424F SOT343 NE% BF1105 SOT143 NF% BF1109 SOT143 NG% BF1108 SOT143 NG% BF1108/L SOT143 NH% BF1108R SOT143 NL% BFR94A SOT23 33* BFR540 SOT143 P1 BB131 SOD323 P1 BFG21W SOT343 P2% BFR92A SOT23 P2% ON4640 SOT23 P2% BFR92AW SOT323 P3 BFG403W SOT343 p3A BGA6289 SOT89 P4 BFG410W SOT343 p4A BGA6489 SOT89 P5 BB135 SOD323 P5 BFG425W SOT343 p5A BGA6589 SOT89 P6 BFG480W SOT343 p6K BGA7024 SOT89 p6L BGA7027 SOT89 P8 BB148 SOD323 P9 BB149 SOD323 PB BB152 SOD323 PC BB153 SOD323 PF BB156 SOD323 PL BB149A SOD323 R2% BFR93A SOT23 R2% BFR93AW SOT323 R5% BFR93AR SOT23 R7% BFR106 SOT23 R8% BFG93A SOT143 S BAP64-02 SOD523 Marking code Final product Package S1% BFG310/XR SOT143 S2% BFG325/XR SOT143 S2% BBY40 SOT23 S3% BF1107 SOT23 S6% BF510 SOT23 S7% BF511 SOT23 S8% BF512 SOT23 S9% BF513 SOT23 SB% BF1214 SOT363 SB% BF1214/L SOT363 SC% BB201 SOT23 SC% BGU7031 SOT363 SD% BGU7032 SOT363 SE% BGU7033 SOT363 T5 BFG10W/X SOT343 TA% BGA2818 SOT363 TB% BGA2819 SOT363 UW BGU7003W SOT886 UY BGU7004 SOT886 UZ BGU8007 SOT886 V0% PBR941 SOT23 V0% PRF947 SOT323 V1 BFG25AW/X SOT343 V1% BFT25 SOT23 V11 BFG25A/X SOT143 V12 BFG67/X SOT143 V14 BFG92A/X SOT143 V15 BFG93A/X SOT143 V2% BFQ67 SOT23 V2% ON5042 SOT23 V2% BFQ67W SOT323 V3% BFG67 SOT143 V4% BAP64-06W SOT323 V6% BAP65-05W SOT323 V8 BAP1321-03 SOD323 VA BF1217WR SOT343 VB BF1118W SOT343 VC BF1118WR SOT343 VC% BF1118 SOT143 VD% BF1118R SOT143 W1 BF1102 SOT363 W1% BFT92 SOT23 W1% BFT92W SOT323 W2% PBR951 SOT23 W2% PRF957 SOT323 W2% BF1102R SOT363 W4% BAP50-05W SOT323 W6% BAP51-04W SOT323 W7% BAP51-06W SOT323 W9% BAP63-05W SOT323 X BB187 SOD523 X BB187/L SOD523 X1% BFT93 SOT23 X1% BFT93W SOT323 XG% BFR94AW SOT323 YC% BGA2870 SOT363 Z BB145B SOD523 ZA% BFU668F SOT343 ZC BFU710LX SOT883 ZD BFU730LX SOT883 ZE BFU760LX SOT883 ZF BFU790LX SOT883 ZK% ON5052 SOT23 ZX% BGA2022/C SOT363 |