전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Y-CONC-R402L-MA4B-2000-A 데이터시트(PDF) 5 Page - YAMAHA CORPORATION

부품명 Y-CONC-R402L-MA4B-2000-A
상세설명  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAMAHA [YAMAHA CORPORATION]
홈페이지  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R402L-MA4B-2000-A 데이터시트(HTML) 5 Page - YAMAHA CORPORATION

  Y-CONC-R402L-MA4B-2000-A Datasheet HTML 1Page - YAMAHA CORPORATION Y-CONC-R402L-MA4B-2000-A Datasheet HTML 2Page - YAMAHA CORPORATION Y-CONC-R402L-MA4B-2000-A Datasheet HTML 3Page - YAMAHA CORPORATION Y-CONC-R402L-MA4B-2000-A Datasheet HTML 4Page - YAMAHA CORPORATION Y-CONC-R402L-MA4B-2000-A Datasheet HTML 5Page - YAMAHA CORPORATION Y-CONC-R402L-MA4B-2000-A Datasheet HTML 6Page - YAMAHA CORPORATION Y-CONC-R402L-MA4B-2000-A Datasheet HTML 7Page - YAMAHA CORPORATION Y-CONC-R402L-MA4B-2000-A Datasheet HTML 8Page - YAMAHA CORPORATION Y-CONC-R402L-MA4B-2000-A Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Description:
IP67 protective transport cap
for Y-ConCover-10-* /
Y-ConCover-40-*
IP67-Transportschutzabdeckung für
Y-ConCover-10-* / Y-ConCover-40-*
Part No.: Y-ConAS-21
Accessories
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
4
Description:
IP67/68/69K metal cover for self-assembly
with Y-Con plugs and cables, with Twist-Lock
open and close mechanism, complete with
latches, seals and terminator cap
IP67/68/69K-Metallgehäuse (Twist-Lock)
mit Schraubverschluss zur Selbstmontage mit Y-Con
Kabelsteckern und Kabeln, komplett mit Rasthaken,
Dichtungen und Abschlusskappe
Material:
Body
Die-cast zinc
Gehäuse
Seal
FKM (Viton®) or HNBR
Dichtung
Fixing clips
Stainless steel
Rasthaken
Specifications:
Operating Temp.: Std.
- 20°C ~ +120°C
Betriebstemp.
LT
- 40°C ~ +120°C
Part Number
Low Temperature Type
Y-ConCover-40
No
Y-ConCover-40-LT
Yes
Y-ConCover - 40 - **
Part Number (Details)
Series
Design Number
No Mark = Std.
LT = Low Temp.
Material:
Body
PE
Gehäuse
Colour
Transparent white
Farbe
Specifications:
Operating Temp.: -20°C ~+80°C
Betriebstemp.
Outline Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42