전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD02-T 데이터시트(PDF) 11 Page - Diodes Incorporated

부품명 HD02-T
상세설명  Non-Dimmable 120VAC Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

HD02-T 데이터시트(HTML) 11 Page - Diodes Incorporated

Back Button HD02-T Datasheet HTML 6Page - Diodes Incorporated HD02-T Datasheet HTML 7Page - Diodes Incorporated HD02-T Datasheet HTML 8Page - Diodes Incorporated HD02-T Datasheet HTML 9Page - Diodes Incorporated HD02-T Datasheet HTML 10Page - Diodes Incorporated HD02-T Datasheet HTML 11Page - Diodes Incorporated HD02-T Datasheet HTML 12Page - Diodes Incorporated HD02-T Datasheet HTML 13Page - Diodes Incorporated HD02-T Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AL9910EV8 120VAC ND Ref Design Report
October 2011
AL9910-EV8 (10/27/2011)
Page 11 of 14
4. EVALUATION BOARD TESTING SUMMARY
4.1
Testing Results (case #1):
(Case #1 = > Test conditions: VIN=120VAC; OUT=48V/90mA):
(Case #1 = > Test conditions: VIN=120VAC; OUT=48V/90mA):
Board
#
Cree
LED
VRMS
(V)
IRMS
(mA)
PIN
(W)
PFC
VLED
(V)
ILED
(mA)
POUT
(W)
Efficiency
(%)
1
48V
120.52
34.45
4.032
0.969
41.35
91.14
3.566
88.44
2
48V
120.62
35.32
4.125
0.966
41.4
91.95
3.625
87.88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com