전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN3151 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 AN3151
상세설명  Digital constant-current controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3151 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button AN3151 Datasheet HTML 5Page - STMicroelectronics AN3151 Datasheet HTML 6Page - STMicroelectronics AN3151 Datasheet HTML 7Page - STMicroelectronics AN3151 Datasheet HTML 8Page - STMicroelectronics AN3151 Datasheet HTML 9Page - STMicroelectronics AN3151 Datasheet HTML 10Page - STMicroelectronics AN3151 Datasheet HTML 11Page - STMicroelectronics AN3151 Datasheet HTML 12Page - STMicroelectronics AN3151 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
AN3151
Microcontroller peripherals
Doc ID 17051 Rev 1
9/34
2.2
AD converter
Some interesting characteristics of this microcontroller are highlighted here, like PWM
peripheral and ADC triggering functions conducting to a PI current regulation loop for every
channel.
Figure 5.
TIM1 and ADC triggering functions
In Figure 5 above, the ADC peripheral block diagram is shown. The main ADC features
used in this application are:
●
10-bit with 16 multiplexed channels
●
3.5 µs of conversion time @ 4 MHz
●
External trigger and timer trigger selection
●
End of conversion interrupt
The most important feature is the triggering function, forced by TIM1, used to enable the
conversion on some timer events (reset, enable, up/down, and count).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34