전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS1L60 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STPS1L60
상세설명  Digital constant-current controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STPS1L60 Datasheet HTML 2Page - STMicroelectronics STPS1L60 Datasheet HTML 3Page - STMicroelectronics STPS1L60 Datasheet HTML 4Page - STMicroelectronics STPS1L60 Datasheet HTML 5Page - STMicroelectronics STPS1L60 Datasheet HTML 6Page - STMicroelectronics STPS1L60 Datasheet HTML 7Page - STMicroelectronics STPS1L60 Datasheet HTML 8Page - STMicroelectronics STPS1L60 Datasheet HTML 9Page - STMicroelectronics STPS1L60 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Hardware
AN3151
6/34
Doc ID 17051 Rev 1
Four DC-DC buck converters allow 4 LED strings to be driven, managing up to 120 W. From
a 48 DC input voltage the buck stage adapts the output voltage in order to drive the LEDs
with the imposed current. 3 W LEDs have been chosen in order to obtain 30 W per string,
covering the total power with 10 LEDs [4] in series on each string.
The buck stage works in continuous conduction mode (CCM) in order to minimize the
current ripple on the LEDs.
The inverse buck stage offers:
●
Low voltage sensing circuitry
●
Logic level MOSFETs driven by the microcontroller without a gate driver (ground
referred)
●
High efficiency of up to 98 %
The LED current, to be measured by the microcontroller, is sensed by a ground referred
shunt resistor. This solution allows the current reading only when the MOSFET is on. This is
an important aspect to be evaluated for the current reading methodology to be described.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34