| 전자부품 데이터시트 검색엔진 |
|
STM8S207C6T3 데이터시트(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S207C6T3 데이터시트(HTML) 26 Page - STMicroelectronics |
|
26 / 103 page ![]() Pinouts and pin description STM8S207xx, STM8S208xx 26/103 Doc ID 14733 Rev 12 Figure 6. LQFP 44-pin pinout 1. (HS) high sink capability. 2. (T) True open drain (P-buffer and protection diode to VDD not implemented). 3. [ ] alternate function remapping option (If the same alternate function is shown twice, it indicates an exclusive choice not a duplication of the function). 4. CAN_RX and CAN_TX is available on STM8S208xx devices only. 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 12 13 14 15 16 17 18 19 20 21 22 1 2 3 4 5 6 7 8 9 10 11 VSS VCAP VDD VDDIO_1 UART1_RX/ UART1_TX/ UART1_CK/ NRST OSCIN/PA1 OSCOUT/PA2 VSSIO_1 VDDIO_2 VSSIO_2 PC5 (HS)/SPI_SCK PC3 (HS)/TIM1_CH3 PC2 (HS)/TIM1_CH2 PC1 (HS)/TIM1_CH1 PE5/SPI_NSS PG1/CAN_RX PG0/CAN_TX PC7 (HS)/SPI_MISO PC6 (HS)/SPI_MOSI |