전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S5277J 데이터시트(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

부품명 S5277J
상세설명  SILICON RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
홈페이지  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

S5277J 데이터시트(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  S5277J Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd S5277J Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Instantaneous forward voltage VF (V)
iF – vF
Time t (s)
rth (j-a) – t
Average forward current IF (AV) (A)
Ta max – IF (AV)
Number of cycles at 50 Hz and 60 Hz
Surge forward current (non-repetitive)
0.1
0.8
0.3
0.5
1
1.2
1.6
2.0
2.4
0.4
3
5
10
20
Tj = 25°C
150°C
200
0
0
160
120
80
40
0.2
0.4
0.6
0.8
1.0
1.2
Resistive and inductive load
Capacitive load
Tj = 25°C
60
10
1
50
40
30
20
3
5
10
30
50
100
60 Hz
50 Hz
60 Hz
50 Hz
S5277B-G
S5277J-N
0.1
0.01
1
10
100
1000
10000
0.1
1
10
100
1000
0.001
100V-1000V
1.0A
S5277B THRU S5277N
SILICON RECTIFIER DIODES



Html Pages

1 2