전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Y-CONC-R402M-MA8B-2000-A 데이터시트(PDF) 39 Page - YAMAHA CORPORATION

부품명 Y-CONC-R402M-MA8B-2000-A
상세설명  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAMAHA [YAMAHA CORPORATION]
홈페이지  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R402M-MA8B-2000-A 데이터시트(HTML) 39 Page - YAMAHA CORPORATION

Back Button Y-CONC-R402M-MA8B-2000-A Datasheet HTML 34Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 35Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 36Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 37Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 38Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 39Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 40Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 41Page - YAMAHA CORPORATION Y-CONC-R402M-MA8B-2000-A Datasheet HTML 42Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
38
Description:
IEEE1394b (800 Mbit/s) cable assembly
Standard length = 2.0 meters.
IEEE1394b (800 Mbit/s) Kabelkonfektionen
Standardlänge = 2.0 Meter.
Material:
Jacket:
PUR, black
Mantel
Specifications:
Operating Temp.: -10°C ~ +70°C
Betriebstemp.
Other cable lengths and cable specifications available on request
Andere Kabellängen und Kabelspezifikation auf Anfrage erhältlich
Part Number (Details)
Y-ConC
- IE6 ** - **
** - **** - E
Series
IE6 = IEEE, 6 contacts
Protection side 1
6P = IP67 plastic cover
2S = IP20 strain relief
Interface side 2
IE = IEEE
CU = customer specific
FE = free end (cut only)
Protection side 2
6P = IP67 plastic cover
2S = IP20 strain relief
CU = customer specific
Length in mm
Wiring Plan E = Standard IEEE F = Custom
Interface side 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com