전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RN49P1FS 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 RN49P1FS
상세설명  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN49P1FS 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  RN49P1FS Datasheet HTML 1Page - Toshiba Semiconductor RN49P1FS Datasheet HTML 2Page - Toshiba Semiconductor RN49P1FS Datasheet HTML 3Page - Toshiba Semiconductor RN49P1FS Datasheet HTML 4Page - Toshiba Semiconductor RN49P1FS Datasheet HTML 5Page - Toshiba Semiconductor RN49P1FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RN49P1FS
2007-11-01
3
Electrical Characteristics (Ta = 25°C) (Q1)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 20 V, IE = 0
⎯
⎯
100
Collector cutoff current
ICEO
VCE = 20 V, IB = 0
⎯
⎯
500
nA
Emitter cutoff current
IEBO
VEB = 10 V, IC = 0
0.41
⎯
0.63
mA
DC current gain
hFE
VCE = 5 V, IC = 10 mA
60
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 5 mA, IB = 0.25 mA
⎯
⎯
0.15
V
Input voltage (ON)
VI (ON)
VCE = 0.2 V, IC = 5 mA
1.0
⎯
2.2
V
Input voltage (OFF)
VI (OFF)
VCE = 5 V, IC = 0.1 mA
0.8
⎯
1.5
V
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
1.2
⎯
pF
Input resistor
R1
⎯
8
10
12
k
Ω
Resistor ratio
R1/R2
⎯
0.8
1.0
1.2
Electrical Characteristics (Ta = 25°C) (Q2)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cutoff current
ICBO
VCB = −20 V, IE = 0
⎯
⎯
−100
nA
Emitter cutoff current
IEBO
VEB = −5 V, IC = 0
⎯
⎯
−100
mA
DC current gain
hFE
VCE = −5 V, IC = −1 mA
300
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = −5 mA, IB = −0.25 mA
⎯
⎯
−0.15
V
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
⎯
1.2
⎯
pF
Input resistor
R1
⎯
8
10
12
k
Ω



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com