전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RN1911FS 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 RN1911FS
상세설명  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1911FS 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  RN1911FS Datasheet HTML 1Page - Toshiba Semiconductor RN1911FS Datasheet HTML 2Page - Toshiba Semiconductor RN1911FS Datasheet HTML 3Page - Toshiba Semiconductor RN1911FS Datasheet HTML 4Page - Toshiba Semiconductor RN1911FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RN1910FS,RN1911FS
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process) (Bias Resistor Built-in Transistor)
RN1910FS,RN1911FS
Switching, Inverter Circuit, Interface Circuit and
Driver Circuit Applications
• Two devices are incorporated into a fine pitch small mold (6-pin)
package.
• Incorporating a bias resistor into a transistor reduces parts count.
• Reducing the parts count enables the manufacture of ever more
compact equipment and lowers assembly cost.
• Complementary to RN2910FS, RN2911FS
Equivalent Circuit and Bias Resistor Values
Absolute Maximum Ratings (Ta = 25°C)
(Q1, Q2 common)
Electrical Characteristics (Ta = 25°C) (Q1, Q2 common)
Unit: mm
fS6
1.EMIITTER1
2.EMITTER2
3.BASE2
4.COLLECTOR2
5.BASE1
6.COLLECTOR1
0.1±0.05
6
0.8±0.05
1.0±0.05
1
2
0.1±0.05
3
5
4
(E1)
(E2)
(B2)
(C2)
(B2)
(C1)
fS6
1. EMITTER1
2. BASE1
3. COLLECTOR2
4. EMITTER2
5. BASE2
6. COLEECTOR1
(E1)
(B1)
(C2)
(E2)
(B2)
(C1)
JEDEC
―
JEITA
―
TOSHIBA
2-1F1D
Weight: 0.001g (typ.)
6
5
4
1
2
3
Q1
Q2
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
50
mA
Collector power dissipation
PC(Note 1)
50
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note:
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling Precautions”/“Derating
Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Total rating
Equivalent Circuit
(top view)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 20 V, IE = 0
⎯
⎯
100
nA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
⎯
⎯
100
nA
DC current gain
hFE
VCE = 5 V, IC = 1 mA
300
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 5 mA, IB = 0.25 mA
⎯
⎯
0.15
V
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
⎯
1.2
⎯
pF
RN1910FS
3.76
4.7
5.64
Input resistor
RN1911FS
R1
⎯
8
10
12
k
Ω


유사한 부품 번호 - RN1911FS

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
RN1911FE TOSHIBA-RN1911FE Datasheet
262Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

유사한 설명 - RN1911FS

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4985FE TOSHIBA-RN4985FE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com