전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RN2973FS 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 RN2973FS
상세설명  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2973FS 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  RN2973FS Datasheet HTML 1Page - Toshiba Semiconductor RN2973FS Datasheet HTML 2Page - Toshiba Semiconductor RN2973FS Datasheet HTML 3Page - Toshiba Semiconductor RN2973FS Datasheet HTML 4Page - Toshiba Semiconductor RN2973FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RN2972FS,RN2973FS
2007-11-01
3
Q1, Q2 Common
VCE(sat) - IC
-1
-10
-100
-1000
-0.1
-1
-10
-100
COLLECTOR CURRENT IC (mA)
EMITTER COMMON
IC/IB=20
Ta=100°C
25
-25
hFE - IC
10
100
1000
10000
-0.1
-1
-10
-100
COLLECTOR CURRENT IC (mA)
EMITTER COMMON
VCE=-5V
Ta=100°C
25
-25
RN2972FS
RN2972FS
VCE(sat) - IC
-1
-10
-100
-1000
-0.1
-1
-10
-100
COLLECTOR CURRENT IC (mA)
EMITTER COMMON
IC/IB=20
25
-25
hFE - IC
10
100
1000
10000
-0.1
-1
-10
-100
COLLECTOR CURRENT IC (mA)
EMITTER COMMON
VCE=-5V
25
-25
RN2973FS
RN2973FS
Ta=100°C
Ta=100°C



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com