| 전자부품 데이터시트 검색엔진 |
|
SSM5H06FE 데이터시트(PDF) 2 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
SSM5H06FE 데이터시트(HTML) 2 Page - Toshiba Semiconductor |
|
2 / 8 page ![]() SSM5H06FE 2007-11-01 2 Marking Equivalent Circuit Handling Precaution When handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic discharge. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. The Channel-to-Ambient thermal resistance Rth (ch-a) and the drain power dissipation PD vary according to the board material, board area, board thickness and pad area. When using this device, please take heat dissipation fully into account. 5 1 3 KEH 2 4 5 13 2 4 |