전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BL2553 데이터시트(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

부품명 BL2553
상세설명  Precision Load Switch with Adjustable Current Limit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BELLING [SHANGHAI BELLING CO., LTD.]
홈페이지  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL2553 데이터시트(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL2553 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL2553 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL2553 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL2553 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL2553 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL2553 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL2553 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL2553 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BL2553
2
PIN CONFIGURATION
IN
OUT
2
1
3
5
6
4
GND
ILIM
nFAULT
EN
ABSOLUTE MAXIMUM RATINGS
(Note: Exceeding these limits may damage the device. Exposure to
absolute maximum rating conditions for long periods may affect device
reliability.)
IN to GND…..............................................–0.3V to 6V
OUT, ILIM, nFAULT, EN to GND…..–0.3V to VIN+0.3V
OUT to GND Current …………………..Internally limited
Maximum Power Dissipation………….…………...1.0W
Operating Temperature Range …….…. –40°C to 85°C
Storage Temperature Range….………–55°C to 150°C
ELECTRICAL CHARACTERISTICS
(VIN = 5V, unless otherwise specified. Typical values are at TA = 25
oC.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
2.5
5.5
V
Input UVLO
Rising, Hysteresis=25mV
2.35
V
Input Supply Current
RILIM=20K
120
A
Input Shutdown Current
0.5
1.5
A
Power Switch On Resistance
ISW =500mA
95
m
ISW =500mA, -40°C≤TJ≤120°C
145
m
Current limit Threshold
RILIM=15K
1.705
A
RILIM=20K
1.295
A
RILIM=49.9K
0.520
A
Response time to Short-circuit
1
S
Reverse-voltage Threshold
VOUT-VIN
150
mV
Reverse Leakage Current
VOUT=5.5V,Vin=0V,VEN=High
0.5
2
A
EN Input Logic High threshold
VnFAULT=5.5V
1
V
EN Input Logic Low threshold
0.66
V
nFAULT Output Low Voltage
InFAULT =1mA
70
170
mV
nFAULT Output Leakage
1
A
nFAULT Deglitch Time
De-assertion due to Over-current
9
mS
De-assertion due to Reverse-Voltage
4.5
Thermal Shutdown
160
oC
Thermal Shutdown In Current
Limit
135
oC
Thermal Shutdown Hysteresis
15
oC



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com