| 전자부품 데이터시트 검색엔진 |
|
USB0403C 데이터시트(PDF) 6 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
USB0403C 데이터시트(HTML) 6 Page - Protek Devices |
|
6 / 9 page ![]() Only One Name Means ProTek’Tion™ www.protekdevices.com 05205.R6 10/12 Page 6 USB0403 - USB0424C aPPliCation inFoRMation 3 4 1 2 GND SOLDER PAD 3 4 1 2 USB IC D+ D- 3 4 1 2 R R T X R X FigURe 1 - USB PRoteCtion Two USB04xx (Unidirectional) in a Common-Mode configuration. Circuit connectivity is as follows: • Device 1: Line 1(D+) is connected to pins 2 and 3. • Device 2: Line 2(D-) is connected to pins 2 and 3. • Device 1 and 2: Pins 1 and 4 connected to ground FigURe 2 - etheRnet PRoteCtion One USB04xxC (Bidirectional) in a Differential-Mode configuration. Circuit connectivity is as follow: • Line 1 (R X) is connected to pins 1 and 4. • Line 2 (T X) is connected to pins 2 and 3. CiRCUit BoaRD ReCoMMenDationS Circuit board layout is critical for electromagnetic compatibility protection. The following guidelines are recommended: • The protection device should be placed near the input terminals or connectors, the device will divert the transient current immediately before it can be coupled into the nearby traces. • The path length between the TVS device and the protected line should be minimized. • All conductive loops including power and ground loops should be minimized. • The transient current return path to ground should be kept as short as possible to reduce parasitic inductance. • Ground planes should be used whenever possible. For multilayer PCBs, use ground vias. |