전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6423 데이터시트(PDF) 13 Page - Torex Semiconductor

부품명 XC6423
상세설명  囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 擁끻컦??00mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6423 데이터시트(HTML) 13 Page - Torex Semiconductor

Back Button XC6423 Datasheet HTML 9Page - Torex Semiconductor XC6423 Datasheet HTML 10Page - Torex Semiconductor XC6423 Datasheet HTML 11Page - Torex Semiconductor XC6423 Datasheet HTML 12Page - Torex Semiconductor XC6423 Datasheet HTML 13Page - Torex Semiconductor XC6423 Datasheet HTML 14Page - Torex Semiconductor XC6423 Datasheet HTML 15Page - Torex Semiconductor XC6423 Datasheet HTML 16Page - Torex Semiconductor XC6423 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13/24
XC6423
シリーズ
■特性例
(2) Output Voltage vs. Input Voltage
(3) Dropout Voltage vs. Output Current
XC6423(VOUT=3.6V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
Ta=25℃
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6423(VOUT=2.5V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
Ta=25℃
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6423(VOUT=3.6V)
3.45
3.50
3.55
3.60
3.65
3.70
4
4.5
5
5.5
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
Ta=25℃
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6423(VOUT=2.5V)
2.35
2.40
2.45
2.50
2.55
2.60
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
Ta=25℃
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6423(VOUT=1.2)
0
100
200
300
400
500
600
700
800
0
50
100
150
200
250
300
Output Current : IOUT(mA)
Ta=85℃
Ta=25℃
Ta=-40℃
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)
※ Below the minimum operating Voltage
XC6423(VOUT=1.8V)
0
100
200
300
400
500
0
50
100
150
200
250
300
Output Current : IOUT(mA)
Ta=85℃
Ta=25℃
Ta=-40℃
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com