전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6392 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 L6392
상세설명  High-voltage high and low side driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6392 데이터시트(HTML) 4 Page - STMicroelectronics

  L6392_10 Datasheet HTML 1Page - STMicroelectronics L6392_10 Datasheet HTML 2Page - STMicroelectronics L6392_10 Datasheet HTML 3Page - STMicroelectronics L6392_10 Datasheet HTML 4Page - STMicroelectronics L6392_10 Datasheet HTML 5Page - STMicroelectronics L6392_10 Datasheet HTML 6Page - STMicroelectronics L6392_10 Datasheet HTML 7Page - STMicroelectronics L6392_10 Datasheet HTML 8Page - STMicroelectronics L6392_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin connection
L6392
4/20
Doc ID 14494 Rev 5
2
Pin connection
Figure 2.
Pins connection (top view)
Table 2.
Pin description
Pin N#
Pin name
Type
Function
1LIN
I
Low side driver logic input (active low)
2SD (1)
I
Shut down logic input (active low)
3
HIN
I
High side driver logic input (active high)
4
VCC
P
Lower section supply voltage
5
DT
I
Dead time setting
6
OPOUT
O
Opamp output
7
GND
P
Ground
8
OP+
I
Opamp non inverting input
9
OP-
I
Opamp inverting input
10
LVG (1)
1.
The circuit provides less than 1 V on the LVG and HVG pins (@ Isink = 10 mA), with VCC > 3 V. This allows
to omitting the “bleeder” resistor connected between the gate and the source of the external MOSFET
normally used to hold the pin low; the gate driver assures low impedance also in SD condition.
O
Low side driver output
11
NC
Not connected
12
OUT
P
High side (floating) common voltage
13
HVG (1)
O
High side driver output
14
BOOT
P
Bootstrapped supply voltage
VCC
HIN
LIN
SD
1
3
2
4
NC
OUT
HVG
BOOT
14
13
GND
DT
OPOUT
LVG
OP-
12
11
10
9
5
7
6
8
OP+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com