전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST8024L 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 ST8024L
상세설명  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024L 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button ST8024L Datasheet HTML 27Page - STMicroelectronics ST8024L Datasheet HTML 28Page - STMicroelectronics ST8024L Datasheet HTML 29Page - STMicroelectronics ST8024L Datasheet HTML 30Page - STMicroelectronics ST8024L Datasheet HTML 31Page - STMicroelectronics ST8024L Datasheet HTML 32Page - STMicroelectronics ST8024L Datasheet HTML 33Page - STMicroelectronics ST8024L Datasheet HTML 34Page - STMicroelectronics ST8024L Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
ST8024L
Package mechanical data
Doc ID 17709 Rev 5
31/35
Figure 14.
SO-28 tape and reel schematic
Table 27.
SO-28 tape and reel mechanical data
Symbol
Dimensions
mm.
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T30.4
1.197
AO
10.8
11.0
0.425
0.433
BO
18.2
18.4
0.716
0.724
KO
2.9
3.1
0.114
0.122
PO
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Note: Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35