전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STUSBCD01B 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 STUSBCD01B
상세설명  USB charger detection interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSBCD01B 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button STUSBCD01B Datasheet HTML 11Page - STMicroelectronics STUSBCD01B Datasheet HTML 12Page - STMicroelectronics STUSBCD01B Datasheet HTML 13Page - STMicroelectronics STUSBCD01B Datasheet HTML 14Page - STMicroelectronics STUSBCD01B Datasheet HTML 15Page - STMicroelectronics STUSBCD01B Datasheet HTML 16Page - STMicroelectronics STUSBCD01B Datasheet HTML 17Page - STMicroelectronics STUSBCD01B Datasheet HTML 18Page - STMicroelectronics STUSBCD01B Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package mechanical data
STUSBCD01B
16/19
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A180
7.087
C
12.8
13.2
0.504
0.520
D
20.2
0.795
N60
2.362
T
14.4
0.567
Ao
1.43
1.48
1.53
0.056
0.058
0.060
Bo
1.71
1.76
1.81
0.067
0.069
0.071
Ko
0.75
0.800.85
0.030
0.031
0.033
Po
3.9
4.1
0.154
0.161
P
3.9
4.1
0.154
0.161
Tape & reel Flip-Chip 12 mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19