전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC102 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 TSC102
상세설명  High-side current sense amplifier plus signal conditioning amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC102 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button TSC102 Datasheet HTML 10Page - STMicroelectronics TSC102 Datasheet HTML 11Page - STMicroelectronics TSC102 Datasheet HTML 12Page - STMicroelectronics TSC102 Datasheet HTML 13Page - STMicroelectronics TSC102 Datasheet HTML 14Page - STMicroelectronics TSC102 Datasheet HTML 15Page - STMicroelectronics TSC102 Datasheet HTML 16Page - STMicroelectronics TSC102 Datasheet HTML 17Page - STMicroelectronics TSC102 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Parameter definitions
TSC102
14/24
Doc ID 16754 Rev 2
Figure 19.
Output voltage drift versus temperature
6.5
Output voltage accuracy
The output voltage accuracy is the difference between the actual output voltage and the
theoretical output voltage. Ideally, the current sensing output voltage should be equal to the
input differential voltage multiplied by the theoretical gain, as in the following formula.
Va1-th =Av. Vsense
The actual value is very slightly different, mainly due to the effects of the input offset voltage
Vos and the non-linearity.
-50
-40
-30
-20
-10
0
10
20
30
40
50
-60
-40
-20
0
20
40
60
80
100 120 140
T (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24