| 전자부품 데이터시트 검색엔진 |
|
Y-CONC-R42CU-MD4B-2000-A 데이터시트(PDF) 34 Page - Yamaichi Electronics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R42CU-MD4B-2000-A 데이터시트(HTML) 34 Page - Yamaichi Electronics Co., Ltd. |
|
34 / 42 page ![]() TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER 33 Part Number Memory Size *Y-ConUSB-Stick-3 2GB Y-ConUSB Peripherals Description: IP67/68/69K, USB stick with 2GB of flash memory. For use with Y-ConFlange-**-* IP67/68/69K USB-Stick mit 2GB Flash-Speicher. Für den Einsatz mit Y-ConFlange-**-* Material: Body PBT, UL94V-0 Gehäuse Seal FKM (Viton®) Dichtung Moulding Macromelt, halogen free Vergussmasse Fixing clips Stainless Steel Rasthaken Colour: Blue Farbe Specifications: Operating Temp.: -25°C ~ +80°C Betriebstemp. Outline Dimensions Series 3 = 2MB Y-ConUSB-Stick - 3 Part Number (Details) * For minimum order quantity please contact Yamaichi |